Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72026ASEH Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL72026ASEH
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEH Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL72026ASEH Datasheet HTML 4Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 5Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 6Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 9Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 10Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 11Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
FN8861 Rev. 1.00
Page 8 of 28
Jul 27, 2017
ISL72026ASEH
2. Specifications
2.4
Electrical Specifications
Test Conditions: VCC = 3.0V to 3.6V. Typical values are at TA = +25°C (Note 9); unless otherwise specified (Note 7). Boldface limits
apply across the operating temperature range, -55°C to +125°C and over a total ionizing dose of 75krad(Si) at +25°C with
exposure at a low dose rate of <10mrad(Si)/s.
Parameter
Symbol
Test Conditions
Temp
(°C)
Min
(Note 8)
Typ
(Note 9)
Max
(Note 8)Unit
Driver Electrical Characteristics
Dominant Bus Output
Voltage
VO(DOM) D = 0V, CANH, RS = 0V,
Figures 10 and 11
3.0V ≤ VCC ≤ 3.6V
Full
2.25
2.85
VCC
V
D = 0V, CANL, RS = 0V,
Figures 10 and 11
Full
0.10
0.65
1.25
V
Recessive Bus
Output Voltage
VO(REC)
D = 3V, CANH, RS = 0V,
60Ω and no load, Figures 10
and 11
3.0V
 VCC ≤ 3.6V
Full
1.8
2.3
2.7
V
D = 3V, CANL, RS = 0V, 60Ω
and no load, Figures 10 and
11
Full
1.8
2.3
2.8
V
Dominant Output
Differential Voltage
VOD(DOM) D = 0V, RS = 0V, 3.0V ≤VCC ≤ 3.6V, Figures 10
and Note 11
Full
1.5
2.2
3.0
V
D = 0V, RS = 0V, 3.0V ≤ VCC ≤ 3.6V, Figures 11
and 12
Full
1.2
2.1
3.0
V
Recessive Output
Differential Voltage
VOD(REC) D = 3V, RS = 0V, 3.0V ≤ VCC ≤ 3.6V, Figures 10
and 11
Full
-120
0.2
12
mV
D = 3V, RS = 0V, 3.0V ≤ VCC ≤ 3.6V, no load
Full
-500
-34
50
mV
Logic Input High
Voltage (D, LBK)
VIH
3.0V ≤ VCC ≤ 3.6V, Note 10
Full
2.0
-
5.5
V
Logic Input Low
Voltage (D, LBK)
VIL
3.0V ≤ VCC ≤ 3.6V, Note 10
Full
0
-
0.8
V
Logic High Level
Input Current (D,
LBK)
IIH
D = 2.0V, 3.0V ≤ VCC ≤ 3.6V, Note 11
Full
-30
-3
30
µA
Logic Low Level Input
Current (D, LBK)
IIL
D = 0.8V, 3.0V ≤ VCC ≤ 3.6V, Note 11
Full
-30
-7
30
µA
RS Input Voltage for
Listen Mode
VIN(RS)
3.0V ≤ VCC ≤ 3.6V
Full
0.75 VCC
1.9
5.5
V
Output Short-Circuit
Current
IOSC
VCANH = -7V, CANL = OPEN, 3.0V ≤ VCC ≤ 3.6V,
Figure 25
Full
-250
-100
-
mA
VCANH = +12V, CANL = OPEN,
3.0V ≤ VCC ≤ 3.6V, Figure 25
Full
-
0.4
1
mA
VCANL = -7V, CANH = OPEN, 3.0V ≤ VCC ≤ 3.6V,
Figure 25
Full
-1
-0.4
-
mA
VCANL = +12V, CANH = OPEN,
3.0V ≤ VCC ≤ 3.6V, Figure 25
Full
-
100
250
mA
Thermal Shutdown
Temperature
TSHDN
3.0V < VIN < 3.6V
-
-
163
-
°C
Thermal Shutdown
Hysteresis
THYS
3.0V < VIN < 3.6V
-
-
12
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com