Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72026ASEH Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL72026ASEH
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEH Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL72026ASEH Datasheet HTML 6Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 9Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 10Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 11Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 12Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 13Page - Renesas Technology Corp ISL72026ASEH Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
FN8861 Rev. 1.00
Page 10 of 28
Jul 27, 2017
ISL72026ASEH
2. Specifications
Driver Switching Characteristics
Propagation Delay
LOW to HIGH
tPDLH1
RS = 0V, Figure 14
Full
-
90
160
ns
Propagation Delay
LOW to HIGH
tPDLH2
RS = 10kΩ, Figure 14
Full
-
350
550
ns
Propagation Delay
LOW to HIGH
tPDLH3
RS = 50kΩ, Figure 14
Full
-
475
800
ns
Propagation Delay
HIGH to LOW
tPDHL1
RS = 0V, Figure 14
Full
-
115
180
ns
Propagation Delay
HIGH to LOW
tPDHL2
RS = 10kΩ, Figure 14
Full
-
410
600
ns
Propagation Delay
HIGH to LOW
tPDHL3
RS = 50kΩ, Figure 14
Full
-
550
900
ns
Output Skew
tSKEW1
RS = 0V, (|tPHL - tPLH|), Figure 14
Full
-
20
65
ns
Output Skew
tSKEW2
RS = 10kΩ, (|tPHL - tPLH|), Figure 14
Full
-
60
275
ns
Output Skew
tSKEW3
RS = 50kΩ, (|tPHL - tPLH|), Figure 14
Full
-
75
400
ns
Output Rise Time
tr1
RS = 0V, (fast speed - 1Mbps), Figure 14
Full
15
30
85
ns
Output Fall Time
tf1
Full
10
20
65
ns
Output Rise Time
tr2
RS = 10kΩ, (medium speed - 500kbps), Figure 14
Full
125
250
550
ns
Output Fall Time
tf2
Full
100
250
425
ns
Output Rise Time
tr3
RS = 50kΩ, (slow speed - 250kbps), Figure 14
Full
200
360
800
ns
Output Fall Time
tf3
Full
175
390
600
ns
Total Loop Delay,
Driver Input to
Receiver Output,
Recessive to
Dominant
t(LOOP1)RS = 0V, Figure 21
Full
-
140
225
ns
RS = 10kΩ, Figure 21
Full
-
380
600
ns
RS = 50kΩ, Figure 21
Full
-
500
800
ns
Total Loop Delay,
Driver Input to
Receiver Output,
Dominant to
Recessive
t(LOOP2)
RS = 0V, Figure 21
Full
-
160
285
ns
RS = 10kΩ, Figure 21
Full
-
450
700
ns
RS = 50kΩ, Figure 21
Full
-
575
950
ns
Listen to Valid
Dominant Time
tL-DOM
Figure 19
Full
-
5
15
µs
Receiver Switching Characteristics
Propagation Delay
LOW to HIGH
tPLH
Figure 17
Full
-
50
110
ns
Propagation Delay
HIGH to LOW
tPHL
Figure 17
Full
-
50
110
ns
Rx Skew
tSKEW1
|(tPHL - tPLH)|, Figure 17
Full
-
2
35
ns
Rx Rise Time
tr
Figure 17
Full
-
2
-
ns
Rx Fall Time
tf
Figure 17
Full
-
2
-
ns
LBK Delay I/O to Rx
Output
tLBK
Figure 23, Note 11
Full
-
40
90
ns
Test Conditions: VCC = 3.0V to 3.6V. Typical values are at TA = +25°C (Note 9); unless otherwise specified (Note 7). Boldface limits
apply across the operating temperature range, -55°C to +125°C and over a total ionizing dose of 75krad(Si) at +25°C with
exposure at a low dose rate of <10mrad(Si)/s. (Continued)
Parameter
Symbol
Test Conditions
Temp
(°C)
Min
(Note 8)
Typ
(Note 9)
Max
(Note 8)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com