Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72027ASEHF Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL72027ASEHF
Description  3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027ASEHF Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL72027ASEHF Datasheet HTML 8Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 9Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 10Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 11Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 12Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 13Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 14Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 15Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
FN8862 Rev.1.00
Page 12 of 27
Jul 27, 2017
ISL72027ASEH
2. Specifications
Figure 13. Driver Timing Test Circuit
Figure 14. Driver Timing Measurement Points
Figure 15. Receiver Voltage Definitions
Figure 16. Receiver Test Circuit
Figure 17. Receiver Test Measurement Points
Table 3. Differential Input Voltage Threshold Test
INPUT
OUTPUT
MEASURED
VCANH
VCANL
R
VDIFF
-6.1V
-7V
L
900mV
12V
11.1V
L
900mV
-1V
-7V
L
6V
12V
6V
L
6V
-6.5V
-7V
H
500mV
12V
11.5V
H
500mV
-7V
-1V
H
6V
6V
12V
H
6V
Open
Open
H
X
CAN_H
CAN_L
GND
D
60Ω
V VO
±1%
CL
50pF
±20%
VIN
VIN = 125kHz, 0V TO VCC, DUTY CYCLE 50%, tr = tf ≤ 6ns, ZO = 50Ω
CL INCLUDES FIXTURE AND INSTRUMENTATION CAPACITANCE
SCOPE
tPLH
90%
0.9V
10%
0.5V
t
PHL
V
IN
VO
V
DOM
V
REC
V
CC
0V
0.5 x VCC
tr
tf
CAN_H
CAN_L
R
GND
VCANH
VCANL
VDIFF
VO
CAN_H
CAN_L
R
GND
V
IN
1.5V
15pF
V
O
VIN = 125kHz, DUTY CYCLE 50%, tr = tf = 6ns, ZO = 50Ω
CL INCLUDES TEST SETUP CAPACITANCE
t
PLH
90%
50%
10%
50%
t
PHL
VIN
V
O
VOH
VOL
2.9V
1.5V
2.2V
t
r
t
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com