Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72027ASEHF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL72027ASEHF
Description  3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027ASEHF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL72027ASEHF Datasheet HTML 10Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 11Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 12Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 13Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 14Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 15Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 16Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 17Page - Renesas Technology Corp ISL72027ASEHF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
FN8862 Rev.1.00
Page 14 of 27
Jul 27, 2017
ISL72027ASEH
3. Typical Performance Curves
3.
Typical Performance Curves
VCC = 3.3V, CL = 15pF, TA = +25°C; unless otherwise specified.
Figure 24. Supply Current vs Fast Data Rate vs
Temperature
Figure 25. Supply Current vs Medium Data Rate vs
Temperature
Figure 26. Supply Current vs Slow Data Rate vs
Temperature
Figure 27. Bus Pin Leakage vs VCM at VCC = 0V
0
5
10
15
20
25
100
200
300
400
500
600
700
800
900
1000
DATA RATE (kbps)
-55 °C
RS = GND, RDIFF = 60Ω
+125 °C
+25 °C
100
200
300
400
500
600
700
800
900
1000
DATA RATE (kbps)
0
5
10
15
20
25
-55 °C
+25 °C
RS = 10kΩ, RDIFF = 60Ω
+125 °C
DATA RATE (kbps)
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
RS = 50kΩ, RDIFF = 60Ω
-55 °C
+125 °C
+25 °C
-100
-50
0
50
100
150
200
-8
-4
0
4
8
12
BUS VOLTAGE (V)
VCC = RS = GND, D = 3V, OTHER BUS PIN = GND
-55 °C
+125 °C
+25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com