Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGD1060 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLEGD1060
Description  Panel Circuit Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLEGD1060 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLEGD1060 Datasheet HTML 1Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 2Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 3Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 4Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 5Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 6Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 7Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 8Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TL(BD,EGD)1060(T18)
2007-10-01
4
TLEGD1060
100
1
50
50
30
10
3
5
3
5
10
30
100
300
Ta
= 25°C
IF = 20 mA
Ta
= 25°C
0
520
0.4
1.0
0.8
400
600
560
480
440
640
0.6
0.2
Forward voltage VF
(V)
IF – VF
Forward current IF
(mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Relative luminosity -
λ
(typ.)
(typ.)
(typ.)
(typ.)
Ta = 25°C
Radiation pattern
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
(typ.)
1
3
10
30
100
2.2
2.6
3.0
3.4
3.8
4.2
5.0
Ta
= 25°C
4.6
0.1
10
3
80
60
100
1
0.3
20
5
0.5
−20
0
40



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com