Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGD1060 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLEGD1060
Description  Panel Circuit Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLEGD1060 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLEGD1060 Datasheet HTML 1Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 2Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 3Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 4Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 5Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 6Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 7Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 8Page - Toshiba Semiconductor TLEGD1060 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TL(BD,EGD)1060(T18)
2007-10-01
2
Electrical Characteristics (Ta = 25°C)
Forward Voltage VF
Reverse Current IR
Product Name
Min
Typ.
Max
IF
Max
VR
TLBD1060
2.7
3.3
4.0
TLEGD1060
2.7
3.3
4.0
20
10
4
Unit
V
mA
μA
V
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank (Note 2)
TLBD1060
25
60
125
20
NA / PA / QA
TLEGD1060
63
150
320
20
QA / RA / SA
Unit
mcd
mA
Note 2: The specification as following table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Iv rank
Rank symbol
Min
Max
NA
25
50
PA
40
80
QA
63
125
RA
100
200
SA
160
320
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLBD1060
⎯
468
⎯
25
463
470
477
TLEGD1060
⎯
523
⎯
35
518
528
538
20
Unit
nm
nm
nm
mA
Note 3: Caution
ESD withstand voltage according to MIL STD 883D, Method 3015.7 : ≥1000V
When handling this LED, take the following measures to prevent the LED from being damaged or otherwise
adversely affected.
1) Use a conductive tablemat and conductive floor mat, and ground the workbench and floor.
2) Operators handling laser diodes must be grounded via a high resistance (about 1MΩ). A conductive strap is
good for this purpose.
3) Ground all tools including soldering irons.
This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional application
(ex. Light source for sensor, optical communication and etc) except general display light source.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com