Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW2012A-R68_ Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CW2012A-R68_
Description  CW2012A Series – 0805 Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW2012A-R68_ Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CW2012A-R68_ Datasheet HTML 1Page - Bourns Electronic Solutions CW2012A-R68_ Datasheet HTML 2Page - Bourns Electronic Solutions CW2012A-R68_ Datasheet HTML 3Page - Bourns Electronic Solutions CW2012A-R68_ Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CW2012A Series – 0805 Chip Inductors
Features
n
Miniature size
n
High self-resonant frequency
n
High current
n
Low DCR
n
High Q
n
AEC-Q200 compliant
n
RoHS compliant* and halogen free**
Applications
n
Radio transmitters
n
RF amplifiers
n
Tuning applications
n
High frequency applications
n
Automotive systems
Electrical Specifications
Bourns
Part No.
Inductance
Q
L @ Test
Frequency
(Hz)
Q @ Test
Frequency
(MHz)
SRF (MHz)
DCR (Ω)
Rated Current
(mA)
L (nH)
Tol.
Min.
Min.
Max.
Max.
CW2012A-2N0_
2.0
±0.2 nH,
±0.3 nH
70
0.1 V / 250 M
1500
8000
0.03
800
CW2012A-3N9_
3.9
70
5750
0.04
CW2012A-4N7_
4.7
70
5750
0.04
CW2012A-6N8_
6.8
±5 %,
± 10 %
70
5500
0.06
CW2012A-7N5_
7.5
70
1000
4500
0.06
CW2012A-8N2_
8.2
70
4700
0.06
CW2012A-10N_
10
70
4200
0.08
600
CW2012A-12N_
12
80
4000
0.08
CW2012A-15N_
15
80
3400
0.10
CW2012A-18N_
18
80
3300
0.10
CW2012A-22N_
22
60
500
2600
0.12
CW2012A-24N_
24
60
2000
0.12
CW2012A-27N_
27
60
2500
0.12
CW2012A-33N_
33
60
2050
0.13
CW2012A-36N_
36
65
1700
0.13
CW2012A-39N_
39
65
2000
0.15
CW2012A-43N_
43
65
0.1 V / 200 M
1650
0.15
CW2012A-47N_
47
65
1650
0.17
CW2012A-56N_
56
65
1550
0.19
CW2012A-68N_
68
60
1450
0.22
500
CW2012A-82N_
82
55
0.1 V / 150 M
1300
0.40
400
CW2012A-R10_
100
55
1200
0.52
CW2012A-R11_
110
55
1200
0.52
CW2012A-R12_
120
50
250
1100
0.55
CW2012A-R15_
150
50
920
0.73
CW2012A-R18_
180
50
0.1 V / 100 M
870
0.88
CW2012A-R22_
220
50
850
1.18
340
CW2012A-R24_
240
48
690
1.20
330
CW2012A-R27_
270
48
650
1.36
310
CW2012A-R33_
330
40
600
1.40
300
CW2012A-R39_
390
25
560
1.50
290
CW2012A-R47_
470
25
0.1 V / 50 M
100
375
1.76
250
CW2012A-R56_
560
23
0.1 V / 25 M
340
1.90
210
CW2012A-R62_
620
23
220
2.00
105
CW2012A-R68_
680
23
200
2.15
200
CW2012A-R75_
750
20
200
2.25
185
CW2012A-R82_
820
20
200
2.50
170
CW2012A-1R0_
1000
15
50
100
2.60
170
Note:
Underscore indicates Inductance Tolerance Code:
CW2012A-2N0_ ~ CW2012A-4N7_: B = ±0.2 nH, D = ±0.3 nH
CW2012A-6N8_ ~ CW2012A-1R0_: J = ±5 %, K = ±10 %
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications. The products described herein and this
document are subject to specific legal disclaimers as set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
AUTOMOTIVE
GRADE


Similar Part No. - CW2012A-R68_

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW201212 ETC1-CW201212 Datasheet
696Kb / 1P
High Q Chip Inductors
logo
Bourns Electronic Solut...
CW201212 BOURNS-CW201212 Datasheet
86Kb / 1P
High Q Chip Inductors
logo
List of Unclassifed Man...
CW201212-10NJ ETC1-CW201212-10NJ Datasheet
696Kb / 1P
High Q Chip Inductors
logo
Bourns Electronic Solut...
CW201212-10NJ BOURNS-CW201212-10NJ Datasheet
86Kb / 1P
High Q Chip Inductors
logo
List of Unclassifed Man...
CW201212-12NJ ETC1-CW201212-12NJ Datasheet
696Kb / 1P
High Q Chip Inductors
More results

Similar Description - CW2012A-R68_

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD0805 ETC1-CD0805 Datasheet
332Kb / 9P
Schottky Barrier Chip Diode Series - 0805
logo
EPCOS
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
SMT Inductors, SIMID Series SIMID 0805-F
logo
TAITRON Components Inco...
TSP2-XF2012A3 TAITRON-TSP2-XF2012A3 Datasheet
314Kb / 7P
0805 PACKAGE CHIP LED
logo
RFE international
II2012K47N RFE-II2012K47N Datasheet
54Kb / 1P
SURFACE MOUNT INDUCTORS II2012 Series: 0805 Multilayer
IIH2012F-1N5 RFE-IIH2012F-1N5 Datasheet
61Kb / 1P
SURFACE MOUNT INDUCTORS IIH2012 Series: 0805 Multilayer
logo
CAMBION Electronic Comp...
555-0805 CAMBION-555-0805 Datasheet
41Kb / 2P
Chip inductors, wire wound, surface mount, 0805 package
logo
Everlight Electronics C...
17-21-G6C-FM1N2B-3T EVERLIGHT-17-21-G6C-FM1N2B-3T Datasheet
214Kb / 10P
0805 Package Chip LED
logo
Bourns Electronic Solut...
CD0805-B160 BOURNS-CD0805-B160 Datasheet
298Kb / 6P
Switching Chip Diode Series - 0805 / 1206
logo
Coilcraft lnc.
0302CS-18NXJLW COILCRAFT-0302CS-18NXJLW Datasheet
110Kb / 2P
Chip Inductors - 0302CS (0805)
logo
Bourns Electronic Solut...
CWF2414 BOURNS-CWF2414 Datasheet
343Kb / 3P
CWF2414 Series - 0805 Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com