Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM78702... Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RM78702...
Description  Accessories Power Relay RM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RM78702... Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RM78702... Datasheet HTML 1Page - TE Connectivity Ltd RM78702... Datasheet HTML 2Page - TE Connectivity Ltd RM78702... Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
2
Accessories Power Relay RM (Continued)
RM Sockets for PCB and with solder terminals RM 78 700/701/702
Approvals
Z E135149
Technical data
RM 78 700/701/702
Rated current
10 A
Rated voltage / max. switching voltage AC
240 / 400 VAC
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 4.0/6.3 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
RM 78 700 Socket with quick connect terminals
Chassis cut-out
RM 78 701 Socket with solder terminals
RM 78 702 Socket with PCB terminals
Chassis cut-out
F0110-A
F0111-A
F0112-A
S0319-AB
S0319-AA
S0319-AA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com