Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM78702... Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RM78702...
Description  Accessories Power Relay RM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RM78702... Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RM78702... Datasheet HTML 1Page - TE Connectivity Ltd RM78702... Datasheet HTML 2Page - TE Connectivity Ltd RM78702... Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
SCHRACK
Accessories Power Relay RM
n
For RM 2 / 3 pole, 10 / 16 A
n
RoHS compliant (Directive 2002/95/EC)
RM Socket with screw-type terminals RM 78 705
Approvals
V REG.-Nr. 5333 ÜG-2 (RM78704), REG.-Nr. 4003144 in preparation
Technical data
Rated voltage / max. switching voltage AC
250 VAC
Rated current
16 A
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 4.0/14.9 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
RoHS - Directive 2002/95/EC
RM 78 704
compliant as per product date code 0312
RM 78 705
compliant as per product date code 0522
Ambient temperature range
-40...+40°C
Terminals
screw
Terminal screw torque acc. IEC 61984
0.8 Nm
max.
1.2 Nm
Wire cross section
single wire
2 x 2.5 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
W 0, dense packing
Weight
66 g
Packaging unit
100 pcs
Socket with screw-type terminals
Type
Part Number
RM 78 705
Socket with screw-type terminals
2-1393844-5
F0237-B
F0114-B
S0318-B


Similar Part No. - RM78702...

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM78702 MACOM-RM78702 Datasheet
160Kb / 4P
Accessories Power Relay RM
More results

Similar Description - RM78702...

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM4-3C90 FERROXCUBE-RM4-3C90 Datasheet
65Kb / 5P
RM, RM/I, RM/ILP cores and accessories
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
RM, RM/I, RM/ILP cores and accessories
RM6R-3D3-E40 FERROXCUBE-RM6R-3D3-E40 Datasheet
84Kb / 6P
RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
RM, RM/I, RM/ILP cores and accessories
logo
Tyco Electronics
RM78704 MACOM-RM78704 Datasheet
160Kb / 4P
Accessories Power Relay RM
2-1393844-3 MACOM-2-1393844-3 Datasheet
206Kb / 3P
Accessories Power Relay RM
2-1393844-4 MACOM-2-1393844-4 Datasheet
206Kb / 3P
Accessories Power Relay RM
2-1393844-5 MACOM-2-1393844-5 Datasheet
206Kb / 3P
Accessories Power Relay RM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com