Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMR Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # CMR
Description  DIN RAIL MOUNT SOLID STATE RELAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CMR Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  CMR Datasheet HTML 1Page - Sensata Technologies, Inc. CMR Datasheet HTML 2Page - Sensata Technologies, Inc. CMR Datasheet HTML 3Page - Sensata Technologies, Inc. CMR Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.sensata.com
Page 3
Copyright © 2024 Sensata Technologies, Inc.
MECHANICAL SPECIFICATIONS
* Tolerances: ±0.02 in / 0.5 mm All dimensions are in: inches [millimeters]
CMR
D
24
35
Series
CMR
Control Voltage
D: 3-32 VDC
A: 90-140 VAC
Operating Voltage
24: 24-280 VAC
Operational Current
35: 35 Amps
45: 45 Amps
55: 55 Amps
AVAILABLE OPTIONS
Example : CMRD2435
NOTE: Not all combinations are available.
Consult factory for information on the availability of a specific part number
Required for valid part number
For options only and not required for
valid part number



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com