Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMR Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # CMR
Description  DIN RAIL MOUNT SOLID STATE RELAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CMR Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  CMR Datasheet HTML 1Page - Sensata Technologies, Inc. CMR Datasheet HTML 2Page - Sensata Technologies, Inc. CMR Datasheet HTML 3Page - Sensata Technologies, Inc. CMR Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2024 Sensata Technologies, Inc.
Description
Parameters
Dielectric Strength, Input/Output (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Status Indicator Display
Green LED
Weight (typical)
16.8 oz. (476g)
Encapsulation
Thermally Conductive Epoxy
Terminals
Cage Type
Maximum Wire Size
Output: AWG 8 (4.8mm) Input: AWG 12(2.5mm)
Recommended Terminal Screw Torque Range
Output:10-15 lb-in (1.1-1.7 Nm) Input: 5-6 lb-in (0.6-0.7 Nm)
Description
CMRD24xx
CMRA24xx
Control Voltage Range (DC or RMS)
3-32 VDC
90-140 Vrms
Minimum Turn-On Voltage
3.0 VDC
90 Vrms
Maximum Turn-Off Voltage
1.0 VDC
10 Vrms
Maximum Reverse Voltage
32 VDC
-
Maximum Off-State Voltage
1.0 VDC
10 VAC
Maximum Input Current
30 mA
-
Typical Input Current (3)
17 mA @ 5 VDC
15 mA @ 120 Vrms
Maximum Turn-On Time [msec]
1/2 Cycle
10
Maximum Turn-Off Time [msec]
1/2 Cycle
40
Input (1)
General (1)
THERMAL DERATE INFORMATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com