Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RHS350 Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # MF-RHS350
Description  MF-RHS Series - High Temperature PTC Resettable Fuses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHS350 Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  MF-RHS350 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 5Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 6Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 7Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 8Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MF-RHS Series Tape and Reel Specifications
DIMENSIONS:
MM
(INCHES)
Devices taped using EIA-468/IEC 60286-2 standards. See table below and figures for details.
Dimension Description
IEC
Mark
EIA
Mark
Dimensions
Tolerance
Reel width including flanges and hub
W4
w2
62.0
(2.44)
max
Dimension between flanges (measured at hub)
W3
w1
allow proper reeling and unreeling
Reel diameter
A
a
370.0
(14.57)
max.
Space between flanges (at hub, excluding device)
4.75
(.187)
±3.25
(±.128)
Arbor hole diameter
C
c
26.0
(1.024)
±12.0
(±.472)
Core diameter
N
n
80
(3.15)
min.
Box dimensions
62 x 372 x 372
(2.44 x 14.6 x 14.6)
max.
Consecutive missing places
3
max.
Empty places per reel
Less than 0.1 %
MF-RHS SERIES, REV. B, 05/25
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Taped Component Dimensions -
per EIA Mark -
Figure 1
c
a
n
Reel
Upper side
Tape
Lower side
User
direction
of
feed
t
t1
User direction of feed
Cross section A - B
p
p
H
H1
Reference plane
W0
H0
W1
W
A
B
F
D0
P0
L
H1
P1
h
h
W2
w1
w2
Reel Dimensions - per EIA Mark -
Figure 2
c
a
n
Reel
Upper side
Tape
Lower side
User
direction
of
feed
t
t1
User direction of feed
Cross section A - B
p
p
H
H1
Reference plane
W0
H0
W1
W
A
B
F
D0
P0
L
H1
P1
h
h
W2
w1
w2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com