Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RHS350 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-RHS350
Description  MF-RHS Series - High Temperature PTC Resettable Fuses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHS350 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-RHS350 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 5Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 6Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 7Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 8Page - Bourns Electronic Solutions MF-RHS350 Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MF-RHS Series - High Temperature PTC Resettable Fuses
Features
n
Operating temperature range up to 125 °C
n
Low thermal derating factor
n
Higher hold currents at elevated temperatures
n
RoHS compliant* and halogen free**
n
Agency recognition:
Electrical Characteristics
Model
Vmax
Imax
Ihold
Itrip
Resistance
Max. Time to Trip
Tripped
Power
Dissipation
Agency
Recognition
at 23 °C
at 23 °C
(Ohms)
at 23 °C
at 23 °C
(Watts)
cUL
Volts
Amps
Amps
Rmin
R1Max.***
Amps
Seconds
Typ.
E174545
MF-RHS350
16
100
3.5
7.0
0.018
0.050
17.5
4.5
3.0
3
MF-RHS400
4.0
8.0
0.016
0.044
20.0
5.0
3.0
3
MF-RHS450
4.5
9.0
0.0145
0.040
22.5
5.5
3.0
3
MF-RHS500
5.0
10.0
0.0135
0.038
25.0
5.8
3.0
3
MF-RHS550
5.5
11.0
0.0120
0.032
27.5
10.0
3.0
3
MF-RHS600
6.0
12.0
0.0090
0.0252
30.0
6.5
3.3
3
MF-RHS650
6.5
13.0
0.0095
0.0225
32.5
6.5
3.3
3
MF-RHS700
7.0
14.0
0.0085
0.0190
35.0
6.8
3.7
3
MF-RHS750
7.5
15.0
0.0073
0.0168
37.5
7.0
4.0
3
MF-RHS800
8.0
16.0
0.0060
0.0145
40.0
8.0
4.3
3
MF-RHS900
9.0
18.0
0.0046
0.0098
45.0
9.0
5.0
3
MF-RHS1000
10.0
20.0
0.0042
0.0090
50.0
10.0
5.4
3
MF-RHS1100
11.0
22.0
0.0038
0.0083
55.0
11.2
5.7
3
MF-RHS1200
12.0
24.0
0.0035
0.0077
60.0
12.5
6.0
3
MF-RHS1300
13.0
26.0
0.0033
0.0070
60.0
14.0
6.4
3
***R1max: measured 1 hour post reflow.
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Environmental Characteristics
Item
Condition
Criteria
Operating Temperature
-40 °C to +125 °C
Recommended Storage
+40 °C max. / 70 % R.H. max.
Passive Aging
+85 °C, 1000 hours
±5 % typical resistance
change
Humidity Aging
+85 °C, 85 % R.H. 1000 hours
±5 % typical resistance
change
Thermal Shock
-40 °C to +125 °C, 10 times
±10 % typical resistance
change
Solvent Resistance
MIL-STD-202, Method 215
No change
(marking still legible)
Vibration
MIL-STD-883C, Method 2007.1
Condition A
No change
(Rmin < R < R1max)
Moisture Sensitivity Level
(MSL)
See Note
ESD Classification
Class 6 (per AEC-Q200-2, HBM)
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if
(a) the Bromine (Br) content is 900 ppm or less; (b)
the Chlorine (Cl) content is 900 ppm or less; and (c)
the total Bromine (Br) and Chlorine (Cl) content is
1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications. The products described herein and
this document are subject to specific legal disclaimers as
set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - MF-RHS350

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-RHT BOURNS-MF-RHT Datasheet
330Kb / 4P
PTC Resettable Fuses
MF-RHT BOURNS-MF-RHT Datasheet
1,013Kb / 9P
MF-RHT Series - High Temperature PTC Resettable Fuses
REV. U, 05/25
MF-RHT050 BOURNS-MF-RHT050 Datasheet
338Kb / 4P
PTC Resettable Fuses
MF-RHT050 BOURNS-MF-RHT050 Datasheet
841Kb / 7P
High Temperature PTC Resettable Fuses
MF-RHT050 BOURNS-MF-RHT050 Datasheet
1,013Kb / 9P
MF-RHT Series - High Temperature PTC Resettable Fuses
REV. U, 05/25
More results

Similar Description - MF-RHS350

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com