Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2DBH Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # PE2DBH
Description  2A, 100V - 200V Ultra Fast Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

PE2DBH Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  PE2DBH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd PE2DBH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd PE2DBH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd PE2DBH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd PE2DBH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PE2BBH
– PE2DBH
Taiwan Semiconductor
4
Version: A2212
PACKAGE OUTLINE DIMENSIONS
DO-214AA (SMB)
SUGGESTED PAD
LAYOUT
4.20
2.60
2.00
4.60
4.05
5.60
5.10
0.13
C A B
3.95
3.30
A
B
2.20
1.94
0.13
C A B
C
H
1.60
0.75
0.31
0.15
2.65
1.95
2.45
1.90
0.20
0.05
C
H
NOTES: UNLESS OTHERWISE SPECIFIED
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M-1994.
3. PACKAGE OUTLINE REFERENCE:
JEDEC DO-214, VARIATION AA, ISSUE D.
4
MOLDED PLASTIC BODY DIMENSIONS DO NOT
INCLUDE MOLD FLASH.
5
MOLDED PLASTIC BODY LATERAL DIMENSIONS
TO BE DETERMINED AT DATUM PLANE H.
6. DWG NO. REF: HQ2SD07-DO214SMB-035 REV A.
DETAIL A
SEATING
PLANE
DETAIL A, ROTATED -90°
(SCALE 2:1)
P/N = MARKING CODE
G
= GREEN COMPOUND
YW = DATE CODE
F
= FACTORY CODE
MARKING DIAGRAM
CATHODE
INDICATOR
GYWF
P/N
4
5
4
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com