Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2DBH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

PE2DBH Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # PE2DBH
Download  PE2DBH Download
File Size   509.17 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A, 100V - 200V Ultra Fast Surface Mount Rectifier

PE2DBH Datasheet (PDF)

Go To PDF Page Download Datasheet
PE2DBH Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # PE2DBH
Download  PE2DBH Click to download

File Size   509.17 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A, 100V - 200V Ultra Fast Surface Mount Rectifier

PE2DBH Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


PE2DBH Product details

FEATURES
● AEC-Q101 qualified
● Planar technology
● Low power loss, high efficiency
● Ideal for automated placement
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21

APPLICATIONS
● High frequency switching
● DC/DC
● Snubber




Similar Part No. - PE2DBH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
PE2DB TSC-PE2DB Datasheet
508Kb / 5P
2A, 100V - 200V Ultra Fast Surface Mount Rectifier
Version: A2301
More results


Similar Description - PE2DBH

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MURS205 FRONTIER-MURS205 Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US2A FRONTIER-US2A Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US2A-LFR FRONTIER-US2A-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
UG2D TSC-UG2D_15 Datasheet
350Kb / 4P
2A, 200V Glass Passivated Ultra Fast Rectifier
ES1DV TSC-ES1DV Datasheet
194Kb / 4P
1A, 200V Surface Mount Ultra Fast Rectifier
ES3DV TSC-ES3DV Datasheet
291Kb / 6P
3A, 200V Surface Mount Ultra Fast Rectifier
ES2DA-T TSC-ES2DA-T Datasheet
543Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2DAF-T TSC-ES2DAF-T Datasheet
465Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2BAL TSC-ES2BAL Datasheet
473Kb / 6P
2A, 100V - 600V Super Fast Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com