Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201B104F Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201B104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201B104F Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  0201B104F Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 5 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
7. CAPACITANCE RANGE
7-1. NP0 Dielectric 0201, 0402, 0603, 0805 Sizes
DIELECTRIC
NP0
SIZE
0201
0402
0603
0805
RATED VOLTAGE
(VDC)
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
0.1pF (0R1)
L
L
L
L
L
N
N
N
N
0.2pF (0R2)
L
L
L
L
L
N
N
N
N
0.3pF (0R3)
L
L
L
L
L
N
N
N
N
S
S
S
S
0.4pF (0R4)
L
L
L
L
L
N
N
N
N
S
S
S
S
0.5pF (0R5)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
0.6pF (0R6)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
0.7pF (0R7)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
0.8pF (0R8)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
0.9pF (0R9)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.0pF (1R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.2pF (1R2)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.5pF (1R5)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
1.8pF (1R8)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
2.0pF (2R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
2.2pF (2R2)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
2.7pF (2R7)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
3.0pF (3R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
3.3pF (3R3)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
3.9pF (3R9)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
4.0pF (4R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
4.7pF (4R7)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
5.0pF (5R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
5.6pF (5R6)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
6.0pF (6R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
6.8pF (6R8)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
7.0pF (7R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
8.0pF (8R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
8.2pF (8R2)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
9.0pF (9R0)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
10pF (100)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
12pF (120)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
15pF (150)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
18pF (180)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
22pF (220)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
27pF (270)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
33pF (330)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
39pF (390)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
47pF (470)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
56pF (560)
L
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
68pF (680)
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
82pF (820)
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
100pF (101)
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
120pF (121)
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
150pF (151)
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
180pF (181)
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
220pF (221)
L
L
L
L
N
N
N
N
N
S
S
S
S
S
A
A
A
A
A
270pF (271)
L
N
N
N
N
S
S
S
S
S
A
A
A
A
A
330pF (331)
L
N
N
N
N
S
S
S
S
S
A
A
A
A
A
390pF (391)
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
470pF (471)
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
560pF (561)
L
N
N
N
N
S
S
S
S
S
B
B
B
B
B
680pF (681)
N
N
N
N
S
S
S
S
S
B
B
B
B
B
820pF (821)
N
N
N
N
S
S
S
S
S
B
B
B
B
B
1,000pF (102)
N
N
N
N
S
S
S
S
S
B
B
B
B
B
1,200pF (122)
X
X
X
X
X*
B
B
B
B
B
1,500pF (152)
X
X
X
X
X*
B
B
B
B
B
1,800pF (182)
X
X
X
X
B
B
B
B
B
2,200pF (222)
X
X
X
X
B
B
B
B
B
2,700pF (272)
X
X
X
X
D
D
D
D
D
3,300pF (332)
X
X
X
X
D
D
D
D
D
3,900pF (392)
X
X
X
X
D
D
D
D
D
4,700pF (472)
X
X
X
X
D
D
D
D
D
5,600pF (562)
X*
X*
X*
X*
D
D
D
D
D
6,800pF (682)
X*
X*
X*
X*
D
D
D
D
D
8,200pF (822)
X*
X*
X*
X*
D
D
D
D
D
0.010uF (103)
X*
X*
X*
X*
D
D
D
D
D
0.012uF (123)
D
D
D
D
0.015uF (153)
T*
T*
T*
T*
0.018uF (183)
D*
D*
D*
D*
0.022uF (223)
D*
D*
D*
D*
1. The letter in cell is expressed the symbol of product thickness.
2. The letter in cell with “ * ” mark is expressed capacitance tolerance “J” (±5%) only.
3. For more information about products with special capacitance or other data, please contact WTC local representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com