Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0201B104F Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # 0201B104F
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

0201B104F Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 0201B104F Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION 0201B104F Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 8 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
7-2. X7R Dielectric 1206, 1210, 1812 Sizes
DIELECTRIC
X7R
SIZE
1206
1210
1812
RATED VOLTAGE
(VDC)
6.3
10
16
25
35
50
100 6.3
10
16
25
35
50
100
10
16
25
50
100
100pF (101)
120pF (121)
150pF (151)
B
B
B
B
B
180pF (181)
B
B
B
B
B
220pF (221)
B
B
B
B
B
270pF (271)
B
B
B
B
B
330pF (331)
B
B
B
B
B
390pF (391)
B
B
B
B
B
470pF (471)
B
B
B
B
B
560pF (561)
B
B
B
B
B
680pF (681)
B
B
B
B
B
820pF (821)
B
B
B
B
B
1,000pF (102)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
1,200pF (122)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
1,500pF (152)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
1,800pF (182)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
2,200pF (222)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
2,700pF (272)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
3,300pF (332)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
3,900pF (392)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
4,700pF (472)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
5,600pF (562)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
6,800pF (682)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
8,200pF (822)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.010
µF (103)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.012
µF (123)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.015
µF (153)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.018
µF (183)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.022
µF (223)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.027
µF (273)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.033
µF (333)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.039
µF (393)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.047
µF (473)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.056
µF (563)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.068
µF (683)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
D
0.082
µF (823)
B
B
B
B
D
C
C
C
C
C
D
D
D
D
D
0.10
µF (104)
B
B
B
B
C
C
C
C
C
C
D
D
D
D
D
0.12
µF (124)
B
B
B
B
D
C
C
C
C
C
D
D
D
D
D
0.15
µF (154)
C
C
C
C
G
C
C
C
C
D
D
D
D
D
D
0.18
µF (184)
C
C
C
C
G
C
C
C
C
D
D
D
D
D
D
0.22
µF (224)
C
C
C
C
G
C
C
C
C
D
D
D
D
D
D
0.27
µF (274)
C
C
C
D
G
C
C
C
C
G
D
D
D
D
D
0.33
µF (334)
C
C
C
D
G
C
C
C
D
G
D
D
D
D
D
0.39
µF (394)
C
C
J
P
G
C
C
C
D
M
D
D
D
D
D
0.47
µF (474)
J
J
J
P
G
C
C
C
D
M
D
D
D
D
K
0.56
µF (564)
J
J
J
P
P
D
D
D
D
M
D
D
D
D
K
0.68
µF (684)
J
J
J
P
P
D
D
D
D
K
D
D
D
K
K
0.82
µF (824)
J
J
J
P
P
D
D
D
D
K
D
D
D
K
K
1.0
µF (105)
J
J
J
P
P
D
D
D
D
K
D
D
D
K
K
1.5
µF (155) J
J
J
P
G
G
M
M
K
2.2
µF (225) J
J
J
P
P
P
G
G
M
M
M
M
3.3
µF (335)
P
P
P
G
G
M
4.7
µF (475) P
P
P
P
P
K
K
K
M
M
6.8
µF (685)
10
µF (106) P
P
P
P
P
K
K
K
M
M
22
µF (226) P
P
P*
M
M
M
47
µF (476)
M
M
100
µF (107)
1. The letter in cell is expressed the symbol of product thickness.
2. The letter in cell with “ * ” mark is expressed product not in 10% (code “K”) tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com