Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH1106 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLRH1106
Description  Panel Circuit Indicator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH1106 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLRH1106 Datasheet HTML 1Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 2Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 3Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 4Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 5Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 6Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 7Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 8Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TL(RH,RMH,SH,OH,YH,GH)1106(T11)
2006-07-07
2
Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Please see Note 1
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operation
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRH1106
TLRMH1106
TLSH1106
TLOH1106
TLYH1106
TLGH1106
70
4
175
−40~100
−40~100
Note 1: Forward current derating
Electrical Characteristics (Ta = 25°C)
Forward Voltage VF
Reverse Current
IR
Product Name
Min
Typ.
Max
IF
Max
VR
TLRH1106
1.8
2.1
2.5
TLRMH1106
1.8
2.1
2.5
TLSH1106
1.8
2.2
2.5
TLOH1106
1.8
2.2
2.5
TLYH1106
1.8
2.2
2.5
TLGH1106
1.8
2.2
2.5
50
10
4
Unit
V
mA
μA
V
Ambient temperature Ta (°C)
)
IF – Ta
0
0
20
40
60
80
100
120
80
100
20
40
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com