Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH1106 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLRH1106
Description  Panel Circuit Indicator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH1106 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLRH1106 Datasheet HTML 1Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 2Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 3Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 4Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 5Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 6Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 7Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 8Page - Toshiba Semiconductor TLRH1106 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TL(RH,RMH,SH,OH,YH,GH)1106(T11)
2006-07-07
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRH1106
160
380
800
50
SA / TA / UA
TLRMH1106
160
380
800
50
SA / TA / UA
TLSH1106
250
500
1250
50
TA / UA / VA
TLOH1106
250
600
1250
50
TA / UA / VA
TLYH1106
250
450
1250
50
TA / UA / VA
TLGH1106
100
200
500
50
RA / SA / TA
Unit
mcd
mcd
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
RA
100
200
SA
160
320
TA
250
500
UA
400
800
VA
630
1250
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRH1106
⎯
644
⎯
18
624
630
638
TLRMH1106
⎯
636
⎯
17
620
626
634
TLSH1106
⎯
623
⎯
17
607
613
621
TLOH1106
⎯
612
⎯
15
599
605
613
TLYH1106
⎯
590
⎯
15
581
587
595
TLGH1106
⎯
574
⎯
11
565
571
576
50
Unit
nm
nm
nm
mA
The cautions
• This visible LED lamp also emits some IR light
If a photodetector is located near the LED lamp, please ensure that it will not be affected by the IR light.
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor , optical communication and etc) except general display light source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com