Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-01CSMD Datasheet(PDF) 2 Page - Comus International

Part # RI-01CSMD
Description  RI-01C SMD Series Dry Reed Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

RI-01CSMD Datasheet(HTML) 2 Page - Comus International

  RI-01CSMD Datasheet HTML 1Page - Comus International RI-01CSMD Datasheet HTML 2Page - Comus International RI-01CSMD Datasheet HTML 3Page - Comus International RI-01CSMD Datasheet HTML 4Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RI-01C SMD Series Dry Reed Switch
Based on standard RI-01C models
ORDERING INFORMATION
RI-01CSMD - 10-15
AT Ranges**
Series
**Customer specific AT ranges are possible. Please contact your
local sales representative.
Coils
All characteristics are measured using the Philips Standard
Coil. For definitions of the Philips Standard Coil, refer to
“Application Notes” in the Reed Switch Technical & Applica-
tion Information Section of this catalog.
Life expectancy and reliability
The life expectancy data given below are valid for a coil
energized at 1.25 times the published maximum operate
value for each type in the RI-01C series.
No load conditions (operating frequency:
100Hz)
Life expectancy: min. 108 operations with a failure rate of
less than 10-9 with a confidence level of 90%.
End of life criteria:
Contact resistance > 1Ω after 2 ms
Release time > 2 ms (latching or contact sticking).
Loaded conditions (resistive load: 12V; 4 mA;
(15 mA peak); operating frequency: 170Hz)
Life expectancy: min. 106 operations.
End of life criteria:
Contact resistance > 2Ω after 4 ms
Release time > 0.7 ms (latching or contact sticking).
Switching different loads involves different life expectancy
and reliability data. Further information is available on
request.
Mechanical Data
Contact arrangement is normally open; lead finish is
tinned; net mass is approximately 100mg; and can be
mounted in any position.
Shock
The switches are tested in accordance with “IEC 68-2-27”,
test Ea (peak acceleration 150 G; half sinewave; duration
11ms). Such a shock will not cause an open switch (no
magnetic field present) to close, nor a switch kept closed
by an 80 AT coil to open.
Vibration
The switches are tested in accordance with “IEC 68-2-6”,
test Fc (acceleration 10G; below cross-over-frequency 57
to 62 Hz; amplitude 0.75 mm; frequency range 10 to
2000 Hz; duration 90 minutes.) Such a vibration will not
cause an open switch ( no magnetic field present) to close,
nor a switch kept closed by an 80 AT coil to open.
Mechanical Strength
The robustness of the terminations is tested in accordance
with “IEC 68-2-21”, test Ua1 (load 10 N).
Operating and Storage Temperature
Operating ambient temperature; min: -55°C; max:
+125°C. Storage temperature; min: -55°; max: +125°C.
Note: Temperature excursions up to 150°C may be
permissible. For more information contact your nearest
Comus Group sales office.
Soldering
The switch can withstand soldering heat in accordance
with “IEC 68-2-20”, test Tb, method 1B: solder bath at
350 ± 10°C for 3.5 ± 0.5 s. Solderability is tested in ac-
cordance with “IEC 68-2-20” test Ta, method 3: solder
globule temperature 235°C; ageing 1b: 4 hours steam.
Through-hole Reed Switches
The attachment method is typically eutectic soldering.
RoHS requires solder with no elemental lead (Pb). SAC
alloy (96,5Sn / 3AG / 0,5Cu) is the most popular choice.
Reed switches can be soldered by hand or by wave sol-
der processing. Comus Technology recommends the
maximum wave solder temperature (measured at the reed
switch leads) as 270°C for 10 seconds. Temperature and
time in excess of the recommended levels may result in
damage to the reed switch. All of our through-hole reed
switches will be compatible with either SAC alloy or
eutectic soldering process.
Surface Mounted Reed Switches
The most common method of attachment is by SMD
processing - stencil/screen solder paste, then oven reflow.
Due to board thickness, component density, and other
circumstances that dictate the required reflow temperature,
Comus Technology uses a higher temperature solder for all
internal connections. We recommend that the temperature
(measured at the reed switch leads) does not exceed 260°C
for 1 minute. Temperature and time in excess of the rec-
ommended levels may result in damage to the reed switch.
USA Tel: +(1)973 777 6900 / Fax: +(1) 973 777 8405 ▪ Belgium Tel: + 32 (0)12 390400
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com