Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-01CSMD Datasheet(PDF) 3 Page - Comus International

Part # RI-01CSMD
Description  RI-01C SMD Series Dry Reed Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

RI-01CSMD Datasheet(HTML) 3 Page - Comus International

  RI-01CSMD Datasheet HTML 1Page - Comus International RI-01CSMD Datasheet HTML 2Page - Comus International RI-01CSMD Datasheet HTML 3Page - Comus International RI-01CSMD Datasheet HTML 4Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RI-01C SMD Series Dry Reed Switch
Handling Force
When possible don’t add pressure on the glass on placing
the reed switch on a pcb or device. However when han-
dling with a Pick and Place machine the acceptable force
on the reed switch is 3N with a max of 5N.
• As part of the company policy of continued product improvement, specifications
may change without notice. Our sales office will be pleased to help you with the
latest information on this product range and the details of our full design and
manufacturing service. All products are supplied to our standard conditions of
sale unless otherwise agreed in writing.
USA Tel: +(1)973 777 6900 / Fax: +(1) 973 777 8405 ▪ Belgium Tel: + 32 (0)12 390400
Page 3 of 4
All Dimension in inches (mm) nominal
Dimensions for RI-01C SMD Tape and Reel
Recommended Soldering Reflow Profile
0.079 (2)
0.157 (4) Pitch
0.081 (2.05)
0.768 (19.5)
B-B
A-A
B
B
A
A
0.012 (0.3)
1.118 (28.4)
0.559 (14.2)
0.071 (1.8)
1.260 (32)
0.157 (4) Pitch
Ø 0.059 (1.5)
* Each tape and reel contains 5,000 pieces.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com