Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLN115AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLN115AF
Description  Infrared LED GaAs Infrared Emitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN115AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLN115AF Datasheet HTML 1Page - Toshiba Semiconductor TLN115AF Datasheet HTML 2Page - Toshiba Semiconductor TLN115AF Datasheet HTML 3Page - Toshiba Semiconductor TLN115AF Datasheet HTML 4Page - Toshiba Semiconductor TLN115AF Datasheet HTML 5Page - Toshiba Semiconductor TLN115AF Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLN115A(F)
2007-10-01
2
Precautions
Please be careful of the followings.
1.
Soldering must be performed under the stopper.
2.
Soldering temperature : 260°C max
Soldering time : 5 s max
3.
When forming the leads, bend each lead under the 2 mm from the body of the device.
Soldering must be performed after the leads have been formed.
4.
Radiant intensity falls over time due to the current which flows in the infrared LED.
When designing a circuit, take into account this change in radiant power over time.
The ratio of fluctuation in radiation intensity to fluctuation in optical output is 1 : 1.
)
(
(
=
)
(
(
0
0
O
P
t)
O
P
E
I
t)
E
I



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com