Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLN115AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLN115AF
Description  Infrared LED GaAs Infrared Emitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN115AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLN115AF Datasheet HTML 1Page - Toshiba Semiconductor TLN115AF Datasheet HTML 2Page - Toshiba Semiconductor TLN115AF Datasheet HTML 3Page - Toshiba Semiconductor TLN115AF Datasheet HTML 4Page - Toshiba Semiconductor TLN115AF Datasheet HTML 5Page - Toshiba Semiconductor TLN115AF Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLN115A(F)
2007-10-01
3
Ambient temperature Ta (°C)
IF – Ta
20
40
60
80
140
60
40
20
120
0
0
80
100
100
120
∆VF / ∆Ta – IF
Forward current IF (mA)
-2.4
-0.4
1
-2.0
-1.6
-1.2
-0.8
3
5
100
10
30
50
Pulse forward voltage VFP (V)
IFP – VFP
(typ.)
1.2
1.4
1.6
1.8
2.6
5
3
50
1
1.0
10
30
2.0
2.2
1000
300
500
100
2.4
Pulse width ≦100μs
Repetitive
frequency = 100Hz
Ta = 25°C
1.6
1.5
IF – VF
(typ.)
Forward voltage VF (V)
1
1.0
1.1
1.2
5
100
0.8
30
50
1.3
1.4
3
10
0.9
Ta = 25°C
IFP – PW
3μ
Pulse width PW (s)
Ta = 25°C
10m
10μ
30μ
300
100
50
30
500
1000
100μ
300μ
1m
3m
3000
200
1k
2k
5k
10k
500
f = 100Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com