Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N10SP080 Datasheet(PDF) 1 Page - YAGEO Corporation

Part # N10SP080
Description  NTC Thermistor SP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

N10SP080 Datasheet(HTML) 1 Page - YAGEO Corporation

  N10SP080 Datasheet HTML 1Page - YAGEO Corporation N10SP080 Datasheet HTML 2Page - YAGEO Corporation N10SP080 Datasheet HTML 3Page - YAGEO Corporation N10SP080 Datasheet HTML 4Page - YAGEO Corporation N10SP080 Datasheet HTML 5Page - YAGEO Corporation N10SP080 Datasheet HTML 6Page - YAGEO Corporation N10SP080 Datasheet HTML 7Page - YAGEO Corporation N10SP080 Datasheet HTML 8Page - YAGEO Corporation N10SP080 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATA SHEET
NTC THERMISTOR
INRUSH CURRENT LIMITER
SP SERIES
RoHS compliant & Halogen free


Similar Part No. - N10SP080

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
N10SP080L YAGEO-N10SP080L Datasheet
1Mb / 16P
NTC Inrush Current Limiter
February 19, 2021 V.0
N10SP080M YAGEO-N10SP080M Datasheet
1Mb / 16P
NTC Inrush Current Limiter
February 19, 2021 V.0
More results

Similar Description - N10SP080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CANTHERM_MF72 ETC2-CANTHERM_MF72 Datasheet
758Kb / 4P
Power NTC Thermistor
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
NTC THERMISTOR
MF72-120D9 ETC2-MF72-120D9 Datasheet
754Kb / 4P
Power NTC Thermistor
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
NTC THERMISTOR
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
Chip NTC Thermistor
12.02.12
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
Chip NTC Thermistor
05.05.14
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
Chip NTC Thermistor
02.17.15
logo
C&B ELECTRONICS (SHENZH...
TCTR RESI-TCTR Datasheet
1,004Kb / 2P
NTC Chip Thermistor
2019/12/24
logo
List of Unclassifed Man...
MF52B2104F3950 ETC-MF52B2104F3950 Datasheet
178Kb / 9P
NTC Thermistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com