Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N10SP080 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # N10SP080
Description  NTC Thermistor SP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

N10SP080 Datasheet(HTML) 3 Page - YAGEO Corporation

  N10SP080 Datasheet HTML 1Page - YAGEO Corporation N10SP080 Datasheet HTML 2Page - YAGEO Corporation N10SP080 Datasheet HTML 3Page - YAGEO Corporation N10SP080 Datasheet HTML 4Page - YAGEO Corporation N10SP080 Datasheet HTML 5Page - YAGEO Corporation N10SP080 Datasheet HTML 6Page - YAGEO Corporation N10SP080 Datasheet HTML 7Page - YAGEO Corporation N10SP080 Datasheet HTML 8Page - YAGEO Corporation N10SP080 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Nov.
27,
2023
Product Specification
SP series
NTC Inrush Current Limiter
Circuit Protection
www.yageo.com
Nov. 27, 2023 V.0
Dimensions (Unit: mm)
D
K≤3.0
d
D
K≤3.0
d1
T
O Type
d
e
F
F Type
D
d
F
T
F
Disc
Φ
D
(max.)
H
(max.)
H1
(max.)
L
(Min.)
L1
(Min.)
d
(±0.02)
d1
(±0.4)
T
(max.)
F
(±0.8)
e
(±0.5)
08
11.0
13.5
14.0
20.0
15
0.80
1.4
6.0
5.0
2.0
10
13.5
16.0
18.0
20.0
15
0.80
1.4
6.0
5.0
2.1
13
16.0
19.0
22.0
20.0
15
1.00
1.6
6.0
7.5
2.9
15
18.0
21.0
25.0
20.0
15
1.00
1.6
6.5
7.5
3.1
20
24.0
28.0
33.0
20.0
15
1.00
1.6
7.5
7.5
3.6
25
29.0
32.5
38.0
20.0
15
1.00
1.6
7.5
7.5
3.6
Remarks: Straight lead shape is the default lead shape for normal SP series product.
Maximum Power Rating (Pmax)
100
0
-40
0
25
170
200
Ambient Temperature (℃)
08&10 SP Series
13&15&20&25 SP Series
80
60
40
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com