Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-1206HH-R Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-1206HH-R
Description  SF-1206HH-R Series - SMD Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-1206HH-R Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-1206HH-R Datasheet HTML 1Page - Bourns Electronic Solutions SF-1206HH-R Datasheet HTML 2Page - Bourns Electronic Solutions SF-1206HH-R Datasheet HTML 3Page - Bourns Electronic Solutions SF-1206HH-R Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SF-1206HH-R Series - SMD Fuses
SinglFuse™ SF-1206HH-R Series Features
■
Metal foil chip design for overcurrent protection
■
EIA 1206 (3216 metric) footprint
■
Small chip size with high current rating up to 30 A
■
UL 248 compliance
■
RoHS compliant* and halogen free**
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Clearing Time Characteristics for Series
% of Current Rating
Clearing Time at 25 °C
Min.
Max.
100 %
4 hours
—
250 % (8~20 A)
—
5 seconds
350 % (8~30 A)
—
1 second
Electrical Characteristics
Model
Rated Current
(A)
Resistance
(Ω) Typ.***
Rated
Voltage
Interrupting
Rating
Typical
I2t (A2s) ****
Agency Recognition
cUL: E198545
SF-1206HH800R-2
8
0.0045
50 VDC
50 VAC
100 A @ 50 VDC
100 A @ 50 VAC
18.4
✓
SF-1206HH1000R-2
10
0.0040
29.1
✓
SF-1206HH1200R-2
12
0.0032
44.0
✓
SF-1206HH1500R-2
15
0.0026
77.0
✓
SF-1206HH2000R-2
20
0.00215
105.6
✓
SF-1206HH2500R-2
25
0.0013
200 A @ 50 VDC
200 A @ 50 VAC
171.7
✓
SF-1206HH3000R-2
30
0.0010
280.2
✓
*** Resistance value measured with ≤10 % rated current at 25 °C ambient. Tolerance ± 25 %.
**** Melting I2t calculated at 10 times rated current.
Environmental Characteristics
Operating Temperature....................................................................................................................................................-55 °C to +150 °C
Storage Conditions
Temperature ..................................................................................................................................................................+5 °C to +35 °C
Humidity.............................................................................................................................................................................40 % to 75 %
Moisture Sensitivity Level .......................................................................................................................................................................... 1
ESD Classification (HBM)................................................................................................................................................................ Class 6
WARNING Cancer
and Reproductive Harm
www.P65Warnings.ca.gov
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
**Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is
900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
“SinglFuse” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document,
and at www.bourns.com/docs/legal/disclaimer.pdf.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com


Similar Part No. - SF-1206HH-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206HH-M BOURNS-SF-1206HH-M Datasheet
251Kb / 6P
SF-1206HH-M Series - High Current & High Inrush Multilayer Surface Mount Fuses
REV. D 03/21
More results

Similar Description - SF-1206HH-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402F050-2 BOURNS-SF-0402F050-2 Datasheet
425Kb / 4P
SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0603SPA-R BOURNS-SF-0603SPA-R Datasheet
796Kb / 5P
SF-0603SPA-R Series – Automotive Grade SMD Fuses
03/22
SF-1206HH-M BOURNS-SF-1206HH-M Datasheet
251Kb / 6P
SF-1206HH-M Series - High Current & High Inrush Multilayer Surface Mount Fuses
REV. D 03/21
SF-1206SA-R BOURNS-SF-1206SA-R Datasheet
807Kb / 5P
SF-1206SA-R Series – Automotive Grade SMD Fuses
03/22
SF-1206SA-W BOURNS-SF-1206SA-W Datasheet
248Kb / 5P
SF-1206SA-W Series - Automotive Grade Slow Blow SMD Fuses
REV. B 03/21
SF-2410FA-W BOURNS-SF-2410FA-W Datasheet
230Kb / 4P
SF-2410FA-W Series - Automotive Grade Fast Acting SMD Fuses
REV. B 03/21
SF-2923HC BOURNS-SF-2923HC Datasheet
250Kb / 6P
SF-2923HC-C Series – High Current SMD Fuses
REV. 04/21
SF-3812F-T BOURNS-SF-3812F-T Datasheet
264Kb / 6P
SF-3812F-T Series – Fast Acting SMD Fuses
REV. 04/21
SF-3812FG-T BOURNS-SF-3812FG-T Datasheet
256Kb / 6P
SF-3812FG-T Series – Fast Acting & Low Voltage SMD Fuses
REV. 04/21
SF-3812SP-T BOURNS-SF-3812SP-T Datasheet
260Kb / 6P
SF-3812SP-T Series – Time Lag SMD Fuses
REV. 04/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com