Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-1206HH-R Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-1206HH-R
Description  SF-1206HH-R Series - SMD Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-1206HH-R Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-1206HH-R Datasheet HTML 1Page - Bourns Electronic Solutions SF-1206HH-R Datasheet HTML 2Page - Bourns Electronic Solutions SF-1206HH-R Datasheet HTML 3Page - Bourns Electronic Solutions SF-1206HH-R Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SF-1206HH-R Series – SMD Fuses
Current Rating Thermal Derating Curve
140
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
-20
-40
-60
AMBIENT TEMPERATURE (°C)
25 °C
How to Order
SF - 1206 HH 1000 R - 2
SinglFuse™
Product Designator
SMD Footprint
1206 = EIA 1206 (3216 metric) size
Fusing Characteristic
HH = 1 sec. max. @ 350 % In
Rated Current
800 ~ 3000 = 8 A ~ 30 A
Structure Type
R = Metal Foil
Packaging Type
-
2 = Tape & Reel (3,000 pcs./reel)
Packaging
Reel Dimension
7-inch Tape and Reel
Specification
EIA 481-2
Quantity
3,000 pieces
Packaging Code
-2
Typical Part Marking
Represents total content. Layout may
vary. Markings in black color.
Rated
Current
Part
Marking
Rated
Current
Part
Marking
8 A
8
20 A
20
10 A
10
25 A
25
12 A
12
30 A
30
15 A
15
10
Solder Reflow Recommendations
Profile Feature
Pb-Free Assembly
Preheat / Soak:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (ts) from (Tsmin to Tsmax)
150 °C
200 °C
60~120 seconds
Ramp Up Rate (TL to Tp)
3 °C / second max.
Liquidous Temperature (TL)
Time (tL) maintained above TL
217 °C
60~150 seconds
Peak Package Body
Temperature (Tp)
260 °C
Time (tp)* within 5 °C of the
specified classification temperature (Tc)
30 seconds*
Ramp Down Rate (Tp to TL)
6 °C / second max.
Time 25 °C to Peak Temperature
8 minutes max.
TIME
tL
TIME 25 °C TO PEAK
tp
ts
Tsmax
Tsmin
Tp
TL
25
Tc -5 °C
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/s
MAX. RAMP DOWN RATE = 6 °C/s
Tolerance
*
for peak profile temperature (Tp ) is defined as a
supplier minimum and a user maximum.
REV. 0
7/23
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com