Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS300 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 17Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 18Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 19Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 20Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 22Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 23Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 24Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Avance Logic Inc.
ALS300
21
Bit 4:
0
single cycle DMA request
1
block cycle DMA request
Bit 3:
0
block cycle DMA requset when PCM FIFO is
not full : playback
not empty: record
1
DMA requset when PCM FIFO is
less then half full during playback or
less then half empty during recording
Bit 2
0
IRQ controlled 90h command (SB16 version)
1
FIFO controlled 90h command (SBPRO version)
BIT 1
0
IRQ controled continuous DMA mode
1
FIFO controlled continuous DMA mode
CR2
MISC.control
Default 00h
Read/write
Bit 7
Reserved
Bit 6
Reserved
Bit 5
Reserved
Bit 4
Read AS 1
Bit 3
reserved, read as 0
Bit 2
Reserved
Bit 1
reserved, read as 0
Bit 0
Reserved,(read as 0)
CR3
configuration
Default 23h
Bit 7-2
read/write
Bit 1-0
read only
Bit 6
read only
Bit 7
Reserved
Bit 6
E
2PROM control (Read only)
Bit 5
internal/external MPU401 midi output select
Bit 4
Reserved
Bit 3
reserved
Bit 2
reserved
Bit 1,0
chip version number (read as 11)
Bit 1
Bit 0
0
0
ALS007SP
01ALS100
1
0
ALS007/WTA2000
1
1
ALS200/ALS110//ALS120/ALS300
Power up input value
MIDIOUT,ROMCS is tri-state with internal 50K pull low resisters when power up reset.
MIDIOUT
0
external 10K pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com