Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS300 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 35Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 36Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 37Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 38Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 39Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 40Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 41Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 42Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Avance Logic Inc.
ALS300
39
#D5h
pause BX type DMA mode transfer
ESP_WRITE(D5h)
The DMA request is stopped after this command. Internal FIFO will continue until the FIFO is empty
(playback) or full (record). The DMA request will resume after command D6h or any of new DMA
command is issued
#D6h
resume BX type DMA mode transfer
ESP_WRITE(D6h)
The DMA request that is suspended by the command D5h is enable again. The internal FIFO is working
as usual in pause or resume DMA mode. This command is no use to non-BX type command DMA
transfer.
D8h
get digital audio status
a. ESP_WRITE(D8h)
b. ESP_READ(status)
c. Status = 00h (digital audio off) or FFh (digital audio on)
#D9h
exit current BX type continuous DMA transfer
ESP_WRITE(D9h)
Causes the ESP to finish the current block, then cease transferring. Use this command while the DMA is
transferring the last block of audio data from/to ESP. ESP-RESET() or any of new DMA command
should reset this flag.
DAh
exit current non-BX type continuous DMA transfer
ESP_WRITE(DAh)
Causes the ESP to finish the current block, then cease transferring. Use this command while the DMA is
transferring the last block of audio data from/to ESP. ESP-RESET() or any of new DMA command
should reset this flag.
ESP Version And Diagnostic
EXh
*E0h
read/write diagnostic test
a. ESP_WRITE(E0h)
b. ESP_WRITE(test-data)
c. ESP_READ(result)
d. If result = bit invert of test-data, ESP is working
E1h
get ESP version number
a. ESP_WRITE(E1h)
b. ESP_READ(major.version)
c. ESP_READ(minor.version)
Sound Blaster Pro default version
3.02
Sound Blaster 16 default version
4.02
ALS300 default 4.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com