Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF250-120T-R2 Datasheet(PDF) 5 Page - Littelfuse

Part # TRF250-120T-R2
Description  Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TRF250-120T-R2 Datasheet(HTML) 5 Page - Littelfuse

  TRF250-120T-R2 Datasheet HTML 1Page - Littelfuse TRF250-120T-R2 Datasheet HTML 2Page - Littelfuse TRF250-120T-R2 Datasheet HTML 3Page - Littelfuse TRF250-120T-R2 Datasheet HTML 4Page - Littelfuse TRF250-120T-R2 Datasheet HTML 5Page - Littelfuse TRF250-120T-R2 Datasheet HTML 6Page - Littelfuse TRF250-120T-R2 Datasheet HTML 7Page - Littelfuse TRF250-120T-R2 Datasheet HTML 8Page - Littelfuse TRF250-120T-R2 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TS600
TCF250
TRF250
TS250
TSV250
TSL250
TSM600
TRF600
Voltage Rating (VAC)*
250
250
250
250
250
600
600
(Interrupt)
ITU
ITU
ITU
ITU
UL60950
UL60950
GR-1089
GR-1089
GR-1089
GR-1089
GR-1089
GR-1089
GR-1089
Specification
Ports 2 & 4
Ports 2 & 4
Ports 2 & 4
Ports 2 & 4
Ports 2 & 4
Ports 1, 3, & 5
Ports 1, 3, & 5
Hold Current (A)
0.055
—
20.0
Ω
——
—
—
—
0.080
—
17.0
Ω
——
8.0
Ω
——
0.100
11.0
Ω
——
—
—
—
—
0.110
—
7.0
Ω
——
—
—
—
0.120
10.5
Ω
8.0
Ω
——
—
—
—
0.130
——
9.0
Ω
5.5
Ω
——
—
0.145
7.0
Ω
4.5
Ω
——
—
—
—
0.150
——
—
—
—
—
8.0
Ω
0.160
——
—
—
—
—
6.0
Ω
0.170
——
—
—
—
11.0
Ω
—
0.183
—
1.3
Ω
——
—
—
—
0.184
—
1.9
Ω
——
—
—
—
0.200
——
—
—
—
8.5
Ω
—
0.250
——
—
—
—
3.5
Ω
—
0.400
——
—
—
—
1.2
Ω
1.2
Ω
217
RoHS Compliant, ELV Compliant
12
Voltage Ratings for Telecommunications and Networking Devices
For circuit protection telecommunications devices there are two applicable voltage ratings. These are VMAX Operating and
VMAX Interrupt. To help understand the nature of these two different voltage ratings, the following definitions are provided:
VMAX Operating : For telecommunications devices this is the voltage used to obtain component recognition under UL1434. Most circuit
protection devices are certified at 60V but can withstand higher VMAX Interrupt conditions as noted above.
See Table T3 for its VMAX Operating.
*VMAX Interrupt : Under specified conditions this is the highest voltage that can be applied to the device at the maximum current. Devices
have been designed to trip safely under higher power level cross conditions, as listed above, to assist equipment in
meeting the appropriate industry conditions.
Table T1
Product Series: Size, Current Rating, Voltage Rating, Typical Resistance for
Telecommunications and Networking Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com