Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF250-120T-R2 Datasheet(PDF) 10 Page - Littelfuse

Part # TRF250-120T-R2
Description  Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TRF250-120T-R2 Datasheet(HTML) 10 Page - Littelfuse

Back Button TRF250-120T-R2 Datasheet HTML 6Page - Littelfuse TRF250-120T-R2 Datasheet HTML 7Page - Littelfuse TRF250-120T-R2 Datasheet HTML 8Page - Littelfuse TRF250-120T-R2 Datasheet HTML 9Page - Littelfuse TRF250-120T-R2 Datasheet HTML 10Page - Littelfuse TRF250-120T-R2 Datasheet HTML 11Page - Littelfuse TRF250-120T-R2 Datasheet HTML 12Page - Littelfuse TRF250-120T-R2 Datasheet HTML 13Page - Littelfuse TRF250-120T-R2 Datasheet HTML 14Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
222
RoHS Compliant, ELV Compliant
12
TCF
250V*
TCF250-100T
4.6
4.9
4.6
4.9
2.0
2.3
—
—
——
——
—
—
T4
0.24
(0.18) (0.19)
(0.18) (0.19)
(0.08) (0.09)
TCF250-120T
5.4
5.6
5.4
5.6
2.0
2.3
—
—
——
——
—
—
T4
0.28
(0.21) (0.22)
(0.21) (0.22)
(0.08) (0.09)
TCF250-145T
5.4
5.6
5.4
5.6
2.0
2.5
—
—
——
——
—
—
T4
0.28
(0.21) (0.22)
(0.21) (0.22)
(0.08) (0.10)
TCF250-180
6.9
7.1
6.9
7.1
1.3
1.6
—
—
——
——
—
—
T4
0.35
(0.27) (0.28)
(0.27) (0.28)
(0.05) (0.06)
TRF250
250V*
TRF250-055UT
—
4.8
—
9.3
—
3.8
4.7
—
5.0‡
——
—
—
—
T2
0.13
(0.19)
(0.37)
(0.15)
(0.19)
(0.20)
TRF250-080T
—
5.8
—
9.9
—
4.6
4.7
—
5.0‡
——
—
—
—
T2
0.28
(0.23)
(0.39)
(0.18)
(0.19)
(0.20)
TRF250-080U
—
4.8
—
9.3
—
3.8
4.7
—
5.0‡
—
——
—
—
T11
0.13
(0.19)
(0.37)
(0.15)
(0.19)
(0.20)
TRF250-110U
—
5.3
—
9.4
—
3.8
4.7
—
5.0‡
——
—
—
—
T11
0.13
(0.21)
(0.37)
(0.15)
(0.19)
(0.20)
TRF250-120
—
6.5
—
11.0
—
4.6
4.7
—
5.0‡
——
—
—
—
T3
0.38
(0.26)
(0.43)
(0.18)
(0.19)
(0.20)
TRF250-120U
—
6.0
—
10.0
—
3.8
4.7
—
5.0‡
——
—
—
—
T10
0.19
(0.24)
(0.39)
(0.15)
(0.19)
(0.20)
TRF250-145
—
6.5
—
11.0
—
4.6
4.7
—
5.0‡
——
—
—
—
T3
0.38
(0.26)
(0.43)
(0.18)
(0.19)
(0.20)
TRF250-145U
—
6.0
—
10.0
—
3.8
4.7
—
5.0‡
——
—
—
—
T10
0.19
(0.24)
(0.39)
(0.15)
(0.19)
(0.20)
TRF250-183
—
7.5
—
10.5
—
4.1
4.7
—
5.0‡
——
—
—
—
T2
0.30
(0.29)
(0.41)
(0.16)
(0.19)
(0.20)
TRF250-184
—
7.7
—
10.5
—
4.6
4.7
—
5.0‡
——
—
—
—
T12
0.32
(0.30)
(0.41)
(0.18)
(0.19)
(0.20)
TS250/TSL250/TSV250
250V*
TSL250-080F
6.7
7.9
2.7
3.7
4.8
5.3
0.2
0.4
2.5
3.1
——
—
—
T7
2.80
(0.27) (0.31)
(0.11) (0.15)
(0.19) (0.21)
(0.01) (0.02)
(0.10) (0.12)
TS250-130F
8.5
9.4
—
3.4
—
7.4
0.3‡
—
3.8‡
——
—
—
—
T5
3.60
(0.34) (0.37)
(0.14)
(0.29)
(0.01)
(0.15)
TSV250-130F
—
6.1
—
6.9
—
3.2
0.56
——
1.9
1.6
2.3
——
T6
2.80
(0.24)
(0.27)
(0.13)
(0.02)
(0.08)
(0.07) (0.09)
TRF600
600V†
TRF600-150
—
9.0
—
12.5
—
4.6
4.7
—
5.0
——
9.0
——
T3
0.37
(0.35)
(0.49)
(0.18)
(0.19)
(0.20)
(0.35)
TR600-150F-EX
—
13.5
—
12.6
—
6.0
4.7
—
5.0
——
—
—
—
T3
0.80
(0.53)
(0.50)
(0.18)
(0.19)
(0.20)
TR600-150F-EX-RA-B-0.5
—
13.5
—
12.6
—
6.0
4.7
—
5.0
——
—
—
—
T3
0.80
(0.53)
(0.50)
(0.18)
(0.19)
(0.20)
TRF600-160
—
16.0
—
12.6
—
6.0
4.7
—
5.0‡
——
10.0
——
T3
0.90
(0.63)
(0.50)
(0.24)
(0.19)
(0.20)
(0.39)
TRF600-400
—
14.8
—
13.1
—
4.6
4.7
—
5.0‡
——
—
—
—
T13
0.85
(0.58)
(0.52)
(0.18)
(0.19)
(0.20)
Part Number
A
Min. Max.
Figure
NEW
* 250VAC interrupt products are designed to help equipment pass ITU K.20, K.21, & K.45 recommendations and Telcordia GR-1089 Port Type 2 & 4 requirements.
† 600VAC interrupt products are designed to help equipment pass UL60950, TIA-968-A and GR1089 Port Type 1, 3 & 5 requirements.
‡ Indicates dimension is typical, not minimum.
NEW
NEW
Table T4 Dimensions & Weights for Telecommunications and Networking Devices
Device Mass (g)
(Only for reference)
B
Min. Max.
C
Min. Max.
D
Min. Max.
E
Min. Max.
F
Min. Max.
G
Min. Max.
Dimensions in Millimeters (Inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com