Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH50P6FSY1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STRH50P6FSY1
Description  P-channel 60V - 0.047Ω - TO-254AA Rad-hard low gate charge STripFET??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH50P6FSY1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STRH50P6FSY1 Datasheet HTML 2Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 3Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 4Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 5Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 6Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 7Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 8Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 9Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STRH50P6FSY3
6/13
Figure 2.
Bias condition during radiation
Table 10.
Single event effect, SOA(1)
1.
Rad-Hard Power MOSFETs have been characterized in heavy ion environment for single event effect
(SEE). Single event effect characterization is illustrated
Ion
Let (Mev/(mg/cm2))
Energy (MeV)
Range (µm)
VDS (V) @VGS0V
Kr
34
316
43
60
Xe
55.9
459
43
48
Table 11.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
50
200
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 50 A, VGS = 0
1.1
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 50 A, di/dt = 100 A/µs
VDD= 20 V, Tj = 25°C
240
300
3.85
25.6
360
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 50 A, di/dt = 100 A/µs
VDD= 20 V, Tj = 150°C
300
376
5.64
30
451
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com