Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH50P6FSY1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STRH50P6FSY1
Description  P-channel 60V - 0.047Ω - TO-254AA Rad-hard low gate charge STripFET??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH50P6FSY1 Datasheet(HTML) 5 Page - STMicroelectronics

  STRH50P6FSY1 Datasheet HTML 1Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 2Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 3Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 4Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 5Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 6Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 7Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 8Page - STMicroelectronics STRH50P6FSY1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STRH50P6FSY3
Electrical characteristics
5/13
2.2
Post-irradiation
The ST rad-hard power MOSFETs are tested to verify the radiation capability. The
technology is extremely resistant to assurance well functioning of the device inside the
radiation environments. Every manufacturing lot is tested for total ionizing dose.
(@Tj=25°C up to 100Krad (a))
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
50
200
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 50 A, VGS = 0
1.1
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 50 A, di/dt = 100 A/µs
VDD= 20 V, Tj = 25°C
240
300
3.85
25.6
360
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 50 A, di/dt = 100 A/µs
VDD= 20 V, Tj = 150°C
300
376
5.64
30
451
ns
µC
A
a.
According to ESCC 22900 specification, Co60 gamma rays, dose rate:0.1rad/sec.
Table 9.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
IDSS
Zero gate voltage drain
current (VGS = 0)
80% BVDss
10
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±18 V
±
100
nA
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS = 0
100
V
VGS(th)
Gate threshold voltage
VDS =VGS, ID = 1 mA
2
4.5
V
RDS(on)
Static drain-source on
resistance
VGS = 12 V, ID = 25 A
0.047
0.053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com