Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA1-MCPDCD3 Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # DRA1-MCPDCD3
Description  DRA1 SERIES | MP AC & DC OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DRA1-MCPDCD3 Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  DRA1-MCPDCD3 Datasheet HTML 1Page - Sensata Technologies, Inc. DRA1-MCPDCD3 Datasheet HTML 2Page - Sensata Technologies, Inc. DRA1-MCPDCD3 Datasheet HTML 3Page - Sensata Technologies, Inc. DRA1-MCPDCD3 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
MECHANICAL SPECIFICATIONS
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in inches [millimeters]
(A)
Wiring diagram is identical for each individual section whether it is a single or four channel assembly.
(B)
Load can be placed on either side of “Power”
For additional information or specific questions, contact Sensata Technical Support.
DC Output
THERMAL DERATE INFORMATION
DRA1-MPxxD4
DRA1-MPxxD3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com