Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA1-MCPDCD3 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # DRA1-MCPDCD3
Description  DRA1 SERIES | MP AC & DC OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DRA1-MCPDCD3 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  DRA1-MCPDCD3 Datasheet HTML 1Page - Sensata Technologies, Inc. DRA1-MCPDCD3 Datasheet HTML 2Page - Sensata Technologies, Inc. DRA1-MCPDCD3 Datasheet HTML 3Page - Sensata Technologies, Inc. DRA1-MCPDCD3 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
Description
DRA1-MCPDCD3
DRA1-MPDCD3-B
Operating Voltage [VDC]
3 - 60
3 - 60
Maximum Load Current [Adc]
3
3
Minimum Load Current [Adc]
0.02
0.02
Maximum Surge Current [Adc]
5
5
Maximum On-State Voltage Drop
@ Rated Current [Vdc]
1.5
1.5
Description
DRA1-MPxxxDx
DRA1-MPDCD3
DRA1-MPDCD3-B
Control Voltage Range
3 - 32 VDC
3 - 32 VDC
3 - 32 VDC
Must Turn-On Voltage
3.0 VDC
3.0 VDC
1.0 VDC
Must Turn-Off Voltage
1.0 VDC
1.0 VDC
3.0 VDC
Typical Input Current
2.6 mAdc
2.6 mAdc
2.6 mAdc
Nominal Input Impedance
1500 Ohm
1500 Ohm
1500 Ohm
Maximum Turn-On Time [msec]
8.33
0.10
0.10
Maximum Turn-Off Time [msec]
8.33
0.10
0.10
Description
Parameters
Dielectric Strength,
Input/Output (50/60 Hz)
4000 Vrms
Maximum Insulation Resistance
(@ 500 VDC)
109 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80°C
Ambient Storage Temperature
-40 to 125°C
Weight (Typical)
0.08 oz (36.4 g)
Encapsulation
Thermally Conductive Epoxy
DC Output (1)
Input (1)
General (1)
WIRING DIAGRAMS (A)
AC Output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com