Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N2102
Description  EPITAXIAL PLANAR NPN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2102 Datasheet(HTML) 1 Page - STMicroelectronics

  2N2102 Datasheet HTML 1Page - STMicroelectronics 2N2102 Datasheet HTML 2Page - STMicroelectronics 2N2102 Datasheet HTML 3Page - STMicroelectronics 2N2102 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N2102
EPITAXIAL PLANAR NPN
s
GENERAL PURPOSE AMPLIFIER AND
SWITCH
DESCRIPTION
The 2N2102 is a silicon Planar Epitaxial NPN
transistor in Jedec TO-39 metal case. It is
intended for a wide variety of small-signall and
medium power
applications in military and
industrial equipments.
®
INTERNAL SCHEMATIC DIAGRAM
December 2002
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
120
V
VCEO
Collector-Emitter Voltage (IB = 0)
65
V
VCER
Collector-Emitter Voltage (RBE
≤ 10Ω)
80
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
1
A
Ptot
Total Dissipation at Tamb
≤ 25 oC
at TC
≤ 25 oC
1
5
W
W
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
TO-39
1/4


Similar Part No. - 2N2102

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
AMPLIFIER TRANSISTOR NPN SILICON
logo
Micro Electronics
2N2102 MICRO-ELECTRONICS-2N2102 Datasheet
147Kb / 2P
COMPLEMEMTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Seme LAB
2N2102 SEME-LAB-2N2102 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N2102 NJSEMI-2N2102 Datasheet
153Kb / 1P
Diode TP-39
2N2102 NJSEMI-2N2102 Datasheet
80Kb / 1P
SI NPN POWER BJT, I(C) = 1A TO 2.4 A
More results

Similar Description - 2N2102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1151 PANASONIC-2SD1151 Datasheet
282Kb / 6P
NPN EPITAXIAL PLANAR
logo
Mitsubishi Electric Sem...
2SC1967 MITSUBISHI-2SC1967 Datasheet
209Kb / 5P
NPN EPITAXIAL PLANAR TYPE
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Panasonic Semiconductor
2SD1304 PANASONIC-2SD1304 Datasheet
179Kb / 5P
Si NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC563 ETC2-2SC563 Datasheet
43Kb / 1P
Si NPN Epitaxial Planar
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
STMicroelectronics
2N1711 STMICROELECTRONICS-2N1711 Datasheet
49Kb / 4P
EPITAXIAL PLANAR NPN
Sep-2002
BC394 STMICROELECTRONICS-BC394_02 Datasheet
621Kb / 5P
EPITAXIAL PLANAR NPN
Dec-2002
2N720A STMICROELECTRONICS-2N720A_02 Datasheet
53Kb / 4P
EPITAXIAL PLANAR NPN
Dec-2002
logo
New Jersey Semi-Conduct...
2N3725A NJSEMI-2N3725A Datasheet
160Kb / 2P
EPITAXIAL PLANAR NPN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com