Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2102 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N2102
Description  EPITAXIAL PLANAR NPN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2102 Datasheet(HTML) 2 Page - STMicroelectronics

  2N2102 Datasheet HTML 1Page - STMicroelectronics 2N2102 Datasheet HTML 2Page - STMicroelectronics 2N2102 Datasheet HTML 3Page - STMicroelectronics 2N2102 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
30
150
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = 60 V
VCB = 60 V
TC = 150
oC
2
2
nA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
5
nA
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = 100
µA
120
V
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 30 mA
65
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 150 mA
IB = 15 mA
0.5
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 150 mA
IB = 15 mA
1.1
V
hFE
∗
DC Current Gain
IC = 10
µA
VCE = 10 V
IC = 100
µA
VCE = 10 V
IC = 10 mA
VCE = 10 V
IC = 150 mA
VCE = 10 V
IC = 500 mA
VCE = 10 V
IC = 1 A
VCE = 10 V
10
20
35
40
25
10
120
hfe
∗
High Frequency
Current Gain
IC = 50 mA
VCE = 10 V
f = 20 MHz
6
NF
Noise Figure
IC = 300
µA VCE = 10 V f = 1 KHz
BW = 1 Hz
Rg = 510
Ω
8dB
CCBO
Collector-Base
Capacitance
IE = 0
VCB = 10 V
f = 1MHz
15
pF
CEBO
Emitter-Base
Capacitance
IC = 0
VEB = 0.5 V
f = 1MHz
80
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1 %
2N2102
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com