Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT86 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT86
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT86 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT86 Datasheet HTML 1Page - Silicon Supplies 74ACT86 Datasheet HTML 2Page - Silicon Supplies 74ACT86 Datasheet HTML 3Page - Silicon Supplies 74ACT86 Datasheet HTML 4Page - Silicon Supplies 74ACT86 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced CMOS TTL Input – 74ACT86
Quadruple 2-Input Exclusive OR Gate IC in bare die form
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Functionally compatible with bipolar 74LS86
Lower power alternative to bipolar logic.
Rev 1.0
14/05/25
Features:
Ordering Information
The following part suffixes apply:
Description
Die Dimensions in µm (mils)
The 74ACT86 exclusive OR gate (XOR) is fabricated
using an advanced CMOS process which combines the
high speed performance of LSTTL with CMOS low
power consumption. This device contains four
independent gates and performs the Boolean functions
Y = A ⊕ B or Y = AB + AB. Device inputs directly
accept LSTTL or CMOS. All inputs are protected against
ESD and excess voltage transients.
1000 (39)
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54ACT86 REV 2
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Die Size (Unsawn)
1000 x 1060
39 x 42
µm
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 280µm(11 Mils) – On request
Assembled into Ceramic Package – On request
mils
70 x 70
2.76 x 2.76
µm
Minimum Bond Pad Size
mils
280 (±20)
µm
Die Thickness
11.02 (±0.79)
mils
Top Metal Composition
Al 1%Si 2µm
Back Metal Composition
N/A – Bare Si
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 74ACT86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT86 STMICROELECTRONICS-74ACT86 Datasheet
67Kb / 7P
QUAD EXCLUSIVE OR GATE
Apr-1997
logo
ON Semiconductor
74ACT86 ONSEMI-74ACT86 Datasheet
148Kb / 9P
Quad 2?묲nput Exclusive?뭀R Gate
October, 2006 ??Rev. 8
logo
Silicon Supplies
74ACT86 SS-74ACT86 Datasheet
540Kb / 5P
Advanced CMOS TTL Input
74ACT86 SS-74ACT86 Datasheet
462Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 06/02/20
74ACT86 SS-74ACT86 Datasheet
394Kb / 5P
Advanced CMOS TTL Input
Rev 2.0 14/05/25
More results

Similar Description - 74ACT86

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com