Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030A Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA2030A
Description  18 W hi-fi amplifier and 35 W driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA2030A Datasheet HTML 9Page - STMicroelectronics TDA2030A Datasheet HTML 10Page - STMicroelectronics TDA2030A Datasheet HTML 11Page - STMicroelectronics TDA2030A Datasheet HTML 12Page - STMicroelectronics TDA2030A Datasheet HTML 13Page - STMicroelectronics TDA2030A Datasheet HTML 14Page - STMicroelectronics TDA2030A Datasheet HTML 15Page - STMicroelectronics TDA2030A Datasheet HTML 16Page - STMicroelectronics TDA2030A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TDA2030A
Musical instruments amplifiers
Doc ID 1459 Rev 2
13/23
3
Musical instruments amplifiers
Another important field of application for active systems is music.
In this area the use of several medium power amplifiers is more convenient than a single
high-power amplifier, and it is also more realiable. A typical example (see Figure 24)
consists of four amplifiers each driving a low-cost, 12-inch loudspeaker. This application can
supply 80 to 160 WRMS.
Figure 24.
High-power active box for musical instrument
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com