Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PU3JBH Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # PU3JBH
Description  3A, 600V Ultra Fast Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

PU3JBH Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  PU3JBH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd PU3JBH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd PU3JBH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd PU3JBH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd PU3JBH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PU3JBH
Taiwan Semiconductor
2
Version: A2409
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance
RӨJL
14
°C/W
Junction-to-ambient thermal resistance
RӨJA
68
°C/W
Junction-to-case thermal resistance
RӨJC
16
°C/W
Thermal Performance Note: Units mounted on PCB (10mm x 10mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX UNIT
Forward voltage(1)
IF = 1.5A, TJ = 25°C
VF
1.18
-
V
IF = 3.0A, TJ = 25°C
1.30
1.5
V
IF = 1.5A, TJ = 125°C
0.93
-
V
IF = 3.0A, TJ = 125°C
1.08
-
V
Reverse current @ rated VR(2)
TJ = 25°C
IR
-
2
µA
TJ = 125°C
2
-
µA
Junction capacitance
1MHz, VR = 4.0V
CJ
17
-
pF
Reverse recovery time
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
-
25
ns
IF = 1.0A, di/dt = 50A/µs, VR = 30V
29
-
Reverse recovery current
IF = 3.0A, di/dt = 200A/µs, VR = 400V
IRM
2.2
-
A
Reverse recovery charge
Qrr
81
-
nC
Reverse recovery time
trr
49
-
ns
Notes:
1.
Pulse test with PW = 0.3ms
2.
Pulse test with PW = 30ms
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
PU3JBH
DO-214AA (SMB)
3,000/ Tape & Reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com