Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PU3JBH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # PU3JBH
Description  3A, 600V Ultra Fast Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

PU3JBH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  PU3JBH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd PU3JBH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd PU3JBH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd PU3JBH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd PU3JBH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PU3JBH
Taiwan Semiconductor
1
Version: A2409
3A, 600V Ultra Fast Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Planar technology
● Low power loss, high efficiency
● Ideal for automated placement
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● DC to DC converter
● Automotive application
● Car lighting
● Snubber
● Freewheeling application
MECHANICAL DATA
● Case: DO-214AA (SMB)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.087g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
3
A
VRRM
600
V
IFSM
45
A
TJ MAX
175
°C
Package
DO-214AA (SMB)
Configuration
Single die
DO-214AA (SMB)
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
600
V
Reverse voltage, total rms value
VR(RMS)
420
V
Forward current
IF
3
A
Surge peak forward current single half
sine-wave superimposed on rated load
t = 8.3ms
IFSM
45
A
t = 1.0ms
100
Junction temperature
TJ
-55 to +175
°C
Storage temperature
TSTG
-55 to +175
°C


Similar Part No. - PU3JBH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
PU3JAH TSC-PU3JAH Datasheet
431Kb / 5P
3A, 600V Ultra Fast Surface Mount Rectifier
Version: A2409
PU3JCH TSC-PU3JCH Datasheet
425Kb / 5P
3A, 600V Ultra Fast Surface Mount Rectifier
Version: A2409
PU3JFSH TSC-PU3JFSH Datasheet
439Kb / 5P
3A, 600V Ultra Fast Surface Mount Rectifier
Version: A2409
More results

Similar Description - PU3JBH

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ES3A-LFR FRONTIER-ES3A-LFR Datasheet
128Kb / 2P
3A FAST EFFICIENT SURFACE MOUNT RECTIFIER
MURS305 FRONTIER-MURS305 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS305-LFR FRONTIER-MURS305-LFR Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US3A FRONTIER-US3A Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US3A-LFR FRONTIER-US3A-LFR Datasheet
130Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
ES3AB TSC-ES3AB Datasheet
337Kb / 8P
3A, 50V - 600V Surface Mount Super Fast Rectifier
ES3DV TSC-ES3DV Datasheet
291Kb / 6P
3A, 200V Surface Mount Ultra Fast Rectifier
MUR420SH TSC-MUR420SH Datasheet
573Kb / 6P
4A, 200V - 600V Ultra Fast Surface Mount Rectifier
MUR305SH TSC-MUR305SH Datasheet
456Kb / 6P
3A, 50V - 600V Ultra Fast Surface Mount Rectifier
MUR105SH TSC-MUR105SH Datasheet
435Kb / 7P
1A, 50V - 600V Ultra Fast Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com