Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2016 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2016
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2016 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2016 Datasheet HTML 1Page - Texas Instruments BQ2016 Datasheet HTML 2Page - Texas Instruments BQ2016 Datasheet HTML 3Page - Texas Instruments BQ2016 Datasheet HTML 4Page - Texas Instruments BQ2016 Datasheet HTML 5Page - Texas Instruments BQ2016 Datasheet HTML 6Page - Texas Instruments BQ2016 Datasheet HTML 7Page - Texas Instruments BQ2016 Datasheet HTML 8Page - Texas Instruments BQ2016 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
HDQ
1
I/O
Serial communication input/output. Open-drain bidirectional communications port.
RBI
4
I
Register backup input provides backup potential to the bq2016 registers during periods of low operating
voltage. RBI accepts a storage capacitor or a battery input.
REG
5
O
Regulator output provides a reference to control an n-JFET for VCC regulation to the bq2016 from the
battery potential.
VCC
7
I
Supply voltage input
VSS
8
Ground
LED1–LED5
10–14
O
LED display segment outputs that each may drive an external LED.
CVON
17
O
Cell voltage divider control. Output to connect the voltage divider on the voltage input during
measurement.
VPFC
24
I
Program capacity input. 16-level input to program the initial battery full-charge reference.
SB
26
I
Battery voltage input. Input connection to monitor battery–pack voltage.
SR2–SR1
21,22
I
Sense resistor inputs. Input connections for a small value sense resistor to monitor the battery charge and
discharge current flow.
SRC
20
I
Current sense voltage input to monitor instantaneous current.
DISP
9
I
Display activation input that activates the LED drivers LED1–LED5.
TS
19
I
Temperature sense input connects to an external thermistor or should be grounded when using the internal
thermistor. The function depends on the state of the PROG input.
PROG
25
I
Program input defines the temperature measurement thermistor (internal or external).
THON
18
O
Thermistor bias control output to control a switch in series with an optional external thermistor.
NC
2, 3, 6, 15,
16, 23, 27,
28
Do not connect. For proper device operation, these pins should not be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com