Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2016 Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ2016
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2016 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2016 Datasheet HTML 8Page - Texas Instruments BQ2016 Datasheet HTML 9Page - Texas Instruments BQ2016 Datasheet HTML 10Page - Texas Instruments BQ2016 Datasheet HTML 11Page - Texas Instruments BQ2016 Datasheet HTML 12Page - Texas Instruments BQ2016 Datasheet HTML 13Page - Texas Instruments BQ2016 Datasheet HTML 14Page - Texas Instruments BQ2016 Datasheet HTML 15Page - Texas Instruments BQ2016 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
charge and discharge count counting (continued)
self-discharge estimation
The bq2016 continuously decrements NAC and increments DCR for self-discharge based on time and
temperature. The self-discharge count rate is programmed to be a nominal 1/80
 NAC rate per day for NiCd
and a nominal 1/60
× NAC for NiMH. This is the rate for a battery whose temperature is between 20°C–30°C.
The self-discharge rate doubles every 10
°C increase in temperature.
count compensations
The bq2016 compensates charge and discharge counting for temperature and rate before updating the NAC
and/or DCR. The bq2016 compensates self-discharge estimation for temperature before updating the NAC or
DCR.
charge compensations
The bq2016 compensates for charge efficiencies at a quick-charge and fast-charge rate at two different
temperature thresholds. The bq2016 applies the NiCd or NiMH factors based on the VPFC setting. For charge
compensation, quick charge is defined as a C/5 charge rate or less and fast charge is defined as a rate greater
than C/5.
The charge-compensation factors are shown in Tables 4 and 5.
charge compensations
Table 4. Charge Compensation for NiCd
CHARGE TEMPERATURE
QUICK CHARGE
(
≤ C / 5 ) COMPENSATION
FAST CHARGE
(
> C / 5 ) COMPENSATION
<40C
0.80
0.95
≥ 40
0.75
0.90
Table 5. Charge Compensation for NiMH
CHARGE TEMPERATURE
QUICK CHARGE
(
≤ C / 5 ) COMPENSATION
FAST CHARGE
(
> C / 5 ) COMPENSATION
<40C
0.80
0.90
≥ 40
0.75
0.85
discharge compensation
The bq2016 corrects for the rate of discharge by adjusting an internal discharge-compensation factor. The
discharge factor is based on the calculated discharge rate determined from the VSR potential and the PFC
setting. The table below shows the compensation factors for NiCd and NiMH during discharge:
DISCHARGE RATE
DISCHARGE EFFICIENCY
( FDE ) (%)
≤1C
100
>3C
100
>6C
95
>9C
95
>12C
90
NOTE: The C Rate determination is made from LMD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com