Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z00607MN5BL2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # Z00607MN5BL2
Description  Standard 0.8 A Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z00607MN5BL2 Datasheet(HTML) 1 Page - STMicroelectronics

  Z00607MN5BL2 Datasheet HTML 1Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 2Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 3Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 4Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 5Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 6Page - STMicroelectronics Z00607MN5BL2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2007
Rev 8
1/7
7
Z00607
Standard
0.8 A Triacs
Main Features
Description
The Z00607 is suitable for low power AC
switching applications. Typical applications
include home appliances (electrovalve, pump,
door lock, small lamp control), fan speed
controllers,...
Thanks to the low gate triggering current these
triacs can be driven directly by microcontrollers.
Order Codes
Symbol
Value
Unit
IT(RMS)
0.8
A
VDRM/VRRM
600
V
IGT (Q
1)
5mA
Part Number
Marking
Z00607MA 1BA2
Z0607MA
Z00607MA 2BL2
Z0607MA
Z00607MA 5BL2
Z0607MA
Z00607MN 5AA4
Z6M
A2
A1
G
TO-92
Z00607MA
SOT-223
Z00607MN
G
A1
A2
A2
G
A1
A2
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(full sine wave)
SOT-223
Ttab = 85° C
0.8
A
TO-92
TL = 50° C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25° C)
F = 50 Hz
t = 20 ms
9
A
F = 60 Hz
t = 16.7 ms
9.5
I²tI²t Value for fusing
tp = 10 ms
0.45
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 110° C
20
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 110° C
1
A
PG(AV)
Average gate power dissipation
Tj = 110° C
0.1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 110
° C
www.st.com


Similar Part No. - Z00607MN5BL2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z00607MN5AA4 STMICROELECTRONICS-Z00607MN5AA4 Datasheet
147Kb / 8P
Standard 0.8 A Triacs
19-Jun-2014
More results

Similar Description - Z00607MN5BL2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
Triacs (0.8 A to 35 A)
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
Littelfuse
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
Standard 0.8 A Triacs
19-Jun-2014
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
Standard 1 A Triacs
02-May-2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com