Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z00607MN Datasheet(PDF) 3 Page - STMicroelectronics

Part # Z00607MN
Description  Standard 0.8 A Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z00607MN Datasheet(HTML) 3 Page - STMicroelectronics

  Z00607MN Datasheet HTML 1Page - STMicroelectronics Z00607MN Datasheet HTML 2Page - STMicroelectronics Z00607MN Datasheet HTML 3Page - STMicroelectronics Z00607MN Datasheet HTML 4Page - STMicroelectronics Z00607MN Datasheet HTML 5Page - STMicroelectronics Z00607MN Datasheet HTML 6Page - STMicroelectronics Z00607MN Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Z00607
Characteristcs
3/7
Figure 1.
Maximum power dissipation
versus RMS on-state current
(full cycle)
Figure 2.
Relative variation of gate trigger
current, holding current and
latching current versus junction
temperature (typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P(W)
I
(A)
T(RMS)
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
I, I , I [T ] /
GTHL
j
I
, I , I [T =25°C]
GTHL
j
T (°C)
j
IGT
IH &IL
Figure 3.
Surge peak on-state current versus
number of cycles
Figure 4.
Non-repetitive surge peak
on-state current for a sinusoidal
pulse with width tp < 10 ms and
corresponding value of I2t
1
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
One cycle
t=20ms
I
(A)
TSM
Number of cycles
Non repetitive
T initial = 25°C
j
Repetitive
T
= 25°C
amb
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
200.0
t (ms)
p
I
(A), I t (A s)
TSM
22
It
2
dI/dt limitation:
20A/µs
T initial = 25°C
j
ITSM
Figure 5.
On-state characteristics
(maximum values)
Figure 6.
Relative variation of critical rate
of decrease of main current versus
(dV/dt)c (typical values)
I
(A)
TM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
V
(V)
TM
T =
max.
j
Tj
T = 25°C
j
T =max.
j
V =0.95 V
R =420 m
t0
d
Ω
0.1
1.0
10.0
0.0
2.0
4.0
6.0
8.0
10.0
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
(dV/dt)c (V/µs)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com