Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z00607MN Datasheet(PDF) 4 Page - STMicroelectronics

Part # Z00607MN
Description  Standard 0.8 A Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z00607MN Datasheet(HTML) 4 Page - STMicroelectronics

  Z00607MN Datasheet HTML 1Page - STMicroelectronics Z00607MN Datasheet HTML 2Page - STMicroelectronics Z00607MN Datasheet HTML 3Page - STMicroelectronics Z00607MN Datasheet HTML 4Page - STMicroelectronics Z00607MN Datasheet HTML 5Page - STMicroelectronics Z00607MN Datasheet HTML 6Page - STMicroelectronics Z00607MN Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering information scheme
Z00607
4/7
2
Ordering information scheme
Figure 7.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 8.
SOT-223 Thermal resistance
junction to ambient versus copper
surface under tab (printed circuit
board FR4, copper thickness:
35 µm)
0
10
20
30
40
50
60
70
80
90
100
110
0
1
2
3
4
5
6
(dI/dt)c [T ] /
Specified]
j
(dI/dt)c [Tj
T (°C)
j
R
(°C/W)
th(j-a)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
S(cm²)
Z 006 07 M A
1BA2
Blank
Triac series
Current
Sensitivity
Voltage
Package
Packing mode
006 = 0.8A
07 = 5mA
M = 600V
A = TO-92
N = SOT-223
1BA2 = TO-92 Bulk
2BL2 = TO-92 Ammopack
5BL2 = TO-92 Tape and reel
5AA4 = SOT-223 Tape and reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com