Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2221 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N2221
Description  HIGH-SPEED SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2221 Datasheet(HTML) 1 Page - STMicroelectronics

  2N2221 Datasheet HTML 1Page - STMicroelectronics 2N2221 Datasheet HTML 2Page - STMicroelectronics 2N2221 Datasheet HTML 3Page - STMicroelectronics 2N2221 Datasheet HTML 4Page - STMicroelectronics 2N2221 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N2218-2N2219
2N2221-2N2222
January 1989
HIGH-SPEED SWITCHES
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCBO
Collector-base Voltage (IE =0)
60
V
VCEO
Collector-emitter Voltage (IB =0)
30
V
VEBO
Emitter-base Voltage (I C =0)
5
V
I C
Collector Current
0.8
A
Pto t
Total Power Dissipation at T amb
≤ 25 °C
for 2N2218 and 2 N22 19
for 2N2221 and 2 N22 22
at T cas e
≤ 25 °C
for 2N2218 and 2 N22 19
for 2N2221 and 2 N22 22
0.8
0.5
3
1.8
W
W
W
W
T stg
Storage Temperature
– 65 to 200
°C
T j
Junction Temperature
175
°C
DESCRIPTION
TO-18
TO-39
INTERNAL SCHEMATIC DIAGRAM
2N2218/2N2219 approved to CECC 50002-
100, 2N2221/2N2222 approved to CECC
50002-101 available on request.
The 2N2218, 2N2219, 2N2221 and 2N2222 are sili-
con planar
epitaxial NPN transistors in Jedec
TO-39 (for 2N2218 and 2N2219) and in Jedec
TO-18 (for 2N2221 and 2N2222) metal cases. They
are designed for high-speed switching applications
at collector currents up to 500 mA, and feature use-
ful current gain over a wide range of collector cur-
rent, low leakage currents and low saturation volt-
ages.
1/5


Similar Part No. - 2N2221

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2221 SIEMENS-2N2221 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
logo
Fairchild Semiconductor
2N2221 FAIRCHILD-2N2221 Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Seme LAB
2N2221 SEME-LAB-2N2221 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
logo
Central Semiconductor C...
2N2221 CENTRAL-2N2221 Datasheet
531Kb / 2P
NPN SILICON TRANSISTOR
logo
Comset Semiconductor
2N2221 COMSET-2N2221 Datasheet
84Kb / 4P
SWITCHING SILICON TRANSISTORS
More results

Similar Description - 2N2221

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2219A STMICROELECTRONICS-2N2219A Datasheet
73Kb / 8P
HIGH SPEED SWITCHES
Jun-1999
2N2894 STMICROELECTRONICS-2N2894 Datasheet
113Kb / 4P
HIGH-SPEED SATURATED SWITCHES
Oct-1988
BSX20 STMICROELECTRONICS-BSX20 Datasheet
65Kb / 6P
HIGH SPEED SATURATED SWITCHES
Nov-1997
logo
Seme LAB
2N5152 SEME-LAB-2N5152 Datasheet
24Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
logo
STMicroelectronics
2N2219A STMICROELECTRONICS-2N2219A_03 Datasheet
170Kb / 7P
HIGH SPEED SWITCHES
Feb-2003
logo
Comset Semiconductor
2N2894 COMSET-2N2894 Datasheet
81Kb / 2P
HIGH-SPEED SATURATED SWITCHES
2N2894 COMSET-2N2894_12 Datasheet
78Kb / 3P
HIGH-SPEED SATURATED SWITCHES
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
172Kb / 7P
HIGH SPEED SWITCHES
Feb-2003
logo
ON Semiconductor
FSA221 ONSEMI-FSA221 Datasheet
1Mb / 19P
High-Speed Audio Switches
March 2013 Rev. 1.1.0
FSA223 ONSEMI-FSA223 Datasheet
612Kb / 18P
High-Speed Audio Switches
November 2012 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com