Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2D1-2012A-R82MC Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # F2D1-2012A-R82MC
Description  HIGH CURRENT POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

F2D1-2012A-R82MC Datasheet(HTML) 1 Page - Bel Fuse Inc.

  F2D1-2012A-R82MC Datasheet HTML 1Page - Bel Fuse Inc. F2D1-2012A-R82MC Datasheet HTML 2Page - Bel Fuse Inc. F2D1-2012A-R82MC Datasheet HTML 3Page - Bel Fuse Inc. F2D1-2012A-R82MC Datasheet HTML 4Page - Bel Fuse Inc. F2D1-2012A-R82MC Datasheet HTML 5Page - Bel Fuse Inc. F2D1-2012A-R82MC Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
belfuse.com
Additional resources: Product page | 3D model | PCB footprint
Date 12/01/2024
Page 1 of 6
Additional resources: Product page | 3D model | PCB footprint
Date 12/01/2024
Page 1 of 6
SERIES: F2D1-2012A | DESCRIPTION: HIGH CURRENT POWER INDUCTORS
FEATURES
• Ferrite core
• Moisture sensitivity: Level (MSL) 1
• High inductance, high current, low magnetic loss, low ESR,
small parasitic capacitance
• Operating temperature -40°C to 125°C
MODEL
Inductance
(Lo)
Tolerance
DC Resistance
(DCR)
Saturation Current
(Isat)
Temperature Rise Current
(Irms)
typ
[µH]
typ
[± %]
max
[mΩ]
typ
[A]
typ
[A]
F2D1-2012A-R47MC
0.47
20
0.48
75.0
45.0
F2D1-2012A-R82MC
0.82
20
0.48
55.0
45.0
F2D1-2012A-1R0MC
1.00
20
1.38
62.0
35.0
F2D1-2012A-1R5MC
1.50
20
1.38
60.0
35.0
F2D1-2012A-2R2MC
2.20
20
2.13
50.0
28.0
F2D1-2012A-3R3MC
3.30
20
2.13
35.0
28.0
F2D1-2012A-4R7MC
4.70
20
2.13
24.0
28.0
F2D1-2012A-6R8MC
6.80
20
2.13
18.0
28.0
F2D1-2012A-8R2MC
8.20
20
2.13
13.0
28.0
F2D1-2012A-100MC
10.0
20
5.76
13.0
16.0
F2D1-2012A-150MC
15.0
20
5.76
10.0
16.0
F2D1-2012A-220MC
22.0
20
8.16
10.0
14.0
F2D1-2012A-330MC
33.0
20
8.16
7.00
14.0
Notes:
1. Referenced ambient temperature 25°C
2. Test Condition: 100 kHz, 0.1 Vrms
3. Saturation Current - Isat: The actual value of DC current (A) when the Inductance decrease 30% of its initial value.
Temperature Rise Current - Irms: The actual value of DC current (A) twhen the Temperature rise is ∆T 40°C (Ta = 25°C)
4. Operating temperature range includes self-temperature rise.
5. Important Reminder: The product temperature can be influenced by various factors such as circuit design, component placement, PCB size and thickness, and the cooling
system. Please ensure to verify the product temperature in its final application.
PART NUMBER KEY
F2D1 - 2021A - XXX XX
F2D1-2021A = High Current Power Inductors
Type / Product Series
M = ±20%
Inductance Tolerance
1R0 = 1.0 μH
Inductance *
C = Coating
* Note: Inductance expressed by three figures. The unit is micro henry (μH). The first and second figures are significant digits, the third figure expresses the number of zeros which
follow the two figures. If there is a decimal point, it is expressed by the capital letter “R” (3R8 = 3.8 μH). In that case, all figures are significant digits.


Similar Part No. - F2D1-2012A-R82MC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
F2D1-2014A BEL-F2D1-2014A Datasheet
1Mb / 6P
HIGH CURRENT POWER INDUCTORS
12/01/2024
F2D1-2014A-100MC BEL-F2D1-2014A-100MC Datasheet
1Mb / 6P
HIGH CURRENT POWER INDUCTORS
12/01/2024
F2D1-2014A-150MC BEL-F2D1-2014A-150MC Datasheet
1Mb / 6P
HIGH CURRENT POWER INDUCTORS
12/01/2024
F2D1-2014A-1R4MC BEL-F2D1-2014A-1R4MC Datasheet
1Mb / 6P
HIGH CURRENT POWER INDUCTORS
12/01/2024
F2D1-2014A-220MC BEL-F2D1-2014A-220MC Datasheet
1Mb / 6P
HIGH CURRENT POWER INDUCTORS
12/01/2024
More results

Similar Description - F2D1-2012A-R82MC

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com