Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1956 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1956
Description  6-Bit Digital Step Attenuator, 1MHz to 4000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1956 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1956 Datasheet HTML 1Page - Renesas Technology Corp F1956 Datasheet HTML 2Page - Renesas Technology Corp F1956 Datasheet HTML 3Page - Renesas Technology Corp F1956 Datasheet HTML 4Page - Renesas Technology Corp F1956 Datasheet HTML 5Page - Renesas Technology Corp F1956 Datasheet HTML 6Page - Renesas Technology Corp F1956 Datasheet HTML 7Page - Renesas Technology Corp F1956 Datasheet HTML 8Page - Renesas Technology Corp F1956 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Datasheet
F1912
6-Bit Digital Step Attenuator, 1MHz to 4000MHz
R35DS0055EU0100 Rev.1.00
Nov 10, 2022
Page 1
© 2015-2022 Renesas Electronics
This document describes the specification for the
Renesas F1912 Digital Step Attenuator. The F1912
is part of a family of Glitch-FreeTM DSAs optimized
for the demanding requirements of Base Station
(BTS) radio cards and numerous other non-BTS
applications. These devices are offered in a compact
4mm x 4mm 20-
pin QFN package with 50Ω
impedances for ease of integration.
Competitive Advantage
Digital step attenuators are used in receivers and
transmitters to provide gain control. The F1912 is a
6-bit step attenuator optimized for these demanding
applications. The silicon design has very low
insertion loss and low distortion (> +60 dBm IIP3).
The device has pinpoint accuracy. Most importantly,
the F1912 includes Renesas’ Glitch-FreeTM
technology, which results in low overshoot and
ringing during MSB transitions.
■
Glitch-FreeTM technology so PA or ADC will not
be damaged during when transitions.
■
Extremely accurate with low distortion.
■
Lowest insertion loss for best SNR
Applications
■
Base Station 2G, 3G, 4G, TDD radio cards
■
Repeaters and E911 systems
■
Digital Pre-Distortion
■
Point to Point Infrastructure
■
Public Safety Infrastructure
■
WIMAX Receivers and Transmitters
■
Military Systems, JTRS radios
■
RFID Handheld and Portable Readers
■
Cable Infrastructure
Features
■
Serial and 6-bit Parallel Interface
■
31.5dB Control Range
■
0.5dB step
■
Glitch-FreeTM, low transient overshoot
■
3.0 V to 5.25 V supply
■
1.8 V or 3.3 V control logic
■
Attenuation Error < 0.20 dB at 2GHz
■
Low Insertion Loss < 1.4 dB at 2GHz
■
Ultra Linear IIP3 > +60dBm
■
IIP2 = +110 dBm typical
■
Stable Integral Non-Linearity over temperature
■
Low Current Consumption 550 µA typical
■
-55 °C to +105 °C operating temperature
■
4 x 4 mm Thin QFN 20-pin package
Block Diagram
Part Number Details
Part#
Freq Range
(MHz)
Resolution /
Range (dB)
Control
IL
(dB)
Pinout
F1950
150 - 4000
0.25 / 31.75
Parallel &
Serial
1.3
PE43702
PE43701
F1951
100 - 4000
0.50 / 31.5
Serial Only
1.2
HMC305
F1952
100 – 4000
0.50 / 15.5
Serial Only
0.9
HMC305
F1953
400 – 4000
0.50 / 31.5
Parallel &
Serial
1.3
PE4302
DAT-31R5
F1956
1 - 4000
0.25 / 31.75
Parallel &
Serial
1.4
PE43705,
RFSA3715
F1912
1 – 4000
0.50 / 31.5
Parallel &
Serial
1.4
PE4312
PE4302
Decoder
RF1
RF2
D[5:0]
SPI
Bias
CLK DATA LE
VMODE


Similar Part No. - F1956

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1956 IDT-F1956 Datasheet
7Mb / 23P
7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
7-Bit 0.25 dB Wideband Digital Step Attenuator
F1956 RENESAS-F1956 Datasheet
7Mb / 24P
7-Bit 0.25dB Wideband Digital Step Attenuator
April 21, 2023
F1956NBGI RENESAS-F1956NBGI Datasheet
6Mb / 24P
7-Bit 0.25 dB Wideband Digital Step Attenuator
More results

Similar Description - F1956

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
50MHz to 4000MHz, Digital Step Attenuator
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
5MHz to 4000MHz, Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
6 Bit Digital Step Attenuator
logo
Renesas Technology Corp
F1958 RENESAS-F1958 Datasheet
18Mb / 27P
7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com