Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1956 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1956
Description  6-Bit Digital Step Attenuator, 1MHz to 4000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1956 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1956 Datasheet HTML 9Page - Renesas Technology Corp F1956 Datasheet HTML 10Page - Renesas Technology Corp F1956 Datasheet HTML 11Page - Renesas Technology Corp F1956 Datasheet HTML 12Page - Renesas Technology Corp F1956 Datasheet HTML 13Page - Renesas Technology Corp F1956 Datasheet HTML 14Page - Renesas Technology Corp F1956 Datasheet HTML 15Page - Renesas Technology Corp F1956 Datasheet HTML 16Page - Renesas Technology Corp F1956 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
F1912 Datasheet
R35DS0055EU0100 Rev.1.00
Nov 10, 2022
Page 13
Figure 4. Insertion Loss vs Frequency
Figure 5. Insertion Loss vs Attenuation State
Figure 6. RF1 (Input) Return Loss vs Frequency
[All States]
Figure 7. RF2 (Output) Return Loss vs Attenuation State
Figure 8. RF2 (Output) Return Loss vs Frequency
[All States]
Figure 9. RF2 (Output) Return Loss vs Attenuation State
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Frequency (GHz)
-40 C / +3.3 V
-40 C / +5.0 V
+25 C / +3.3 V
+25 C / +5.0 V
+105 C / +3.3 V
+105 C / +5.0 V
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuator State (dB)
-40 C / +3.3 V
-40 C / +5.0 V
+25 C / +3.3 V
+25 C / +5.0 V
+105 C / +3.3 V
+105 C / +5.0 V
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.5 GHz
1.0 GHz
1.5 GHz
2.0 GHz
2.5 GHz
3.0 GHz
3.5 GHz
4.0 GHz
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.5 GHz
1.0 GHz
1.5 GHz
2.0 GHz
2.5 GHz
3.0 GHz
3.5 GHz
4.0 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com